Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEB2035-P Datasheet(PDF) 29 Page - Siemens Semiconductor Group

Part # PEB2035-P
Description  ICs for Communications (Advanced CMOS Frame Aligner)
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PEB2035-P Datasheet(HTML) 29 Page - Siemens Semiconductor Group

Back Button PEB2035-P Datasheet HTML 25Page - Siemens Semiconductor Group PEB2035-P Datasheet HTML 26Page - Siemens Semiconductor Group PEB2035-P Datasheet HTML 27Page - Siemens Semiconductor Group PEB2035-P Datasheet HTML 28Page - Siemens Semiconductor Group PEB2035-P Datasheet HTML 29Page - Siemens Semiconductor Group PEB2035-P Datasheet HTML 30Page - Siemens Semiconductor Group PEB2035-P Datasheet HTML 31Page - Siemens Semiconductor Group PEB2035-P Datasheet HTML 32Page - Siemens Semiconductor Group PEB2035-P Datasheet HTML 33Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 134 page
background image
Semiconductor Group
29
PEB 2035
Transmitter
The serial bit stream is then processed by the transmitter which has the following functions:
q
Frame/multiframe synthesis of one of the six selectable framing formats
q
Insertion of service and data link information
q
Remote alarm generation
q
CRC generation and insertion of CRC bits
Note: As addition in PCM 24 mode, all CRC bits of one outgoing extended multiframe are
inverted in case a CRC error is flagged for the previous received multiframe (function is enabled
via bit GCR.CRCI).
In PCM 24 mode, the transmitter of the ACFA can be synchronized externally for multiframe begin
(port XCHPY, bit ACR.EXMF). This feature is required if the bit-robbed signals are routed through
the switching network and are inserted in transmit direction via the system interface.
Transmit Link Interface
Similar to the receive link interface two different data types with selectable output sense are
supported:
q
Dual rail data (PCM[+], PCM[–]) at ports XDOP, XDOM with 50 % or 100 % duty cycle (bit
EMOD.XFB) transmitted to a line interface unit, e.g. PEB 2235, Siemens ISDN Primary Access
Transceiver, IPAT. Single rail data is converted into a dual rail bit stream. In PCM 30 mode, the
HDB3 line code is employed. In PCM 24 mode, selection between B8ZS or simple AMI coding
with zero code suppression (B7 stuffing) is provided. B7 stuffing can be disabled on a per
channel basis (clear channel capability).
q
Unipolar data at port XOID (PCM 30) or at port XDOP (PCM 24) with 100 % duty cycle
transmitted to a fibre optical interface.
Clocking off data is done with the positive transitions of the transmit route clock: XRCLK (2048 kHz
or 1544 kHz). In PCM 30 mode, XRCLK is generated by the ACFA, whereas in PCM 24 mode it
must be generated by an external clock generator.
Additionally, the dual rail outputs XTOP and XTOM are provided for test applications.


Similar Part No. - PEB2035-P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
logo
Siemens Semiconductor G...
PEB20321 SIEMENS-PEB20321 Datasheet
1Mb / 326P
   Multichannel Network Interface Controller for HDLC MUNICH32X
logo
Infineon Technologies A...
PEB20321 INFINEON-PEB20321 Datasheet
4Mb / 366P
   Multichannel Network Interface Controller for HDLC
Version 2.2 Feb. 2001
PEB20324 INFINEON-PEB20324 Datasheet
705Kb / 63P
   ICs for Communications
Version 2.2 04.99
More results

Similar Description - PEB2035-P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
   ICs for Communications
Versions 1.3 01.96
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
   ICs for Communications
Version 2.1 2003-08
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
   ICs for Communications
Version 1.1 04.2000
logo
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
   ICs for Communications
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
   ICs for Communications
logo
Infineon Technologies A...
PXB4360F INFINEON-PXB4360F Datasheet
869Kb / 66P
   ICs for Communications
Version 1.10 7.2000
PEB20560 INFINEON-PEB20560 Datasheet
3Mb / 433P
   ICs for Communications
Version 2.1 2003-08
PEF2015 INFINEON-PEF2015 Datasheet
1Mb / 84P
   ICs for Communications
Version 1.1 12.97
PEB2254 INFINEON-PEB2254 Datasheet
16Kb / 3P
   ICs for Communications
10.97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com