Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEB2035-N Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # PEB2035-N
Description  ICs for Communications (Advanced CMOS Frame Aligner)
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PEB2035-N Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button PEB2035-N Datasheet HTML 7Page - Siemens Semiconductor Group PEB2035-N Datasheet HTML 8Page - Siemens Semiconductor Group PEB2035-N Datasheet HTML 9Page - Siemens Semiconductor Group PEB2035-N Datasheet HTML 10Page - Siemens Semiconductor Group PEB2035-N Datasheet HTML 11Page - Siemens Semiconductor Group PEB2035-N Datasheet HTML 12Page - Siemens Semiconductor Group PEB2035-N Datasheet HTML 13Page - Siemens Semiconductor Group PEB2035-N Datasheet HTML 14Page - Siemens Semiconductor Group PEB2035-N Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 134 page
background image
Semiconductor Group
11
PEB 2035
6
4
RCHPY /
AFR
O
Receive Channel Parity
Even/odd parity signal which supplements the
number of ones of a received channel to an even/
odd quantity while sending channel data to output
RDO. The parity type is programmed by bit
RC0.RPYS.
PCM 24: Additional Function Receive
If enabled via bit ACR.DLC, this output provides a
4-kHz signal which marks the DL-bit position
within the data stream on RDO. It can be used as
receive strobe signal for external data link
controllers.
75
RFSPQ
O
Receive Frame Synchronous Pulse (active low)
Framing pulse derived from the received PCM
route signal. During loss of synchronization (bit
RSR.LOS), this pulse is suppressed (not
influenced during alarm simulation).
Pulse frequency: 8 kHz
Pulse width:
488 ns [PCM 30]
648 ns [PCM 24]
1.3
Pin Definitions and Functions (cont’d)
P-LCC
Pin No.
P-DIP
Pin No.
Symbol
Input (I)
Output (O)
Function


Similar Part No. - PEB2035-N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
logo
Siemens Semiconductor G...
PEB20321 SIEMENS-PEB20321 Datasheet
1Mb / 326P
   Multichannel Network Interface Controller for HDLC MUNICH32X
logo
Infineon Technologies A...
PEB20321 INFINEON-PEB20321 Datasheet
4Mb / 366P
   Multichannel Network Interface Controller for HDLC
Version 2.2 Feb. 2001
PEB20324 INFINEON-PEB20324 Datasheet
705Kb / 63P
   ICs for Communications
Version 2.2 04.99
More results

Similar Description - PEB2035-N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
   ICs for Communications
Versions 1.3 01.96
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
   ICs for Communications
Version 2.1 2003-08
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
   ICs for Communications
Version 1.1 04.2000
logo
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
   ICs for Communications
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
   ICs for Communications
logo
Infineon Technologies A...
PXB4360F INFINEON-PXB4360F Datasheet
869Kb / 66P
   ICs for Communications
Version 1.10 7.2000
PEB20560 INFINEON-PEB20560 Datasheet
3Mb / 433P
   ICs for Communications
Version 2.1 2003-08
PEF2015 INFINEON-PEF2015 Datasheet
1Mb / 84P
   ICs for Communications
Version 1.1 12.97
PEB2254 INFINEON-PEB2254 Datasheet
16Kb / 3P
   ICs for Communications
10.97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com