Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PJD15N06L Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part No. PJD15N06L
Description  60V N-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJD15N06L Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PJD15N06L Datasheet HTML 1Page - Pan Jit International Inc. PJD15N06L Datasheet HTML 2Page - Pan Jit International Inc. PJD15N06L Datasheet HTML 3Page - Pan Jit International Inc. PJD15N06L Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE . 3
STAD-JUN.19.2006
PJD15N06L
Fig. 1-TYPICAL FORWARD CHARACTERISTIC
FIG.1- Output Characteristic
Typical Characteristics Curves (T =25 C,unless otherwise noted)
A
O
FIG.2- Transfer Characteristic
FIG.3- On Resistance vs Drain Current
FIG.4- On Resistance vs Gate to Source Voltage
FIG.5- On Resistance vs Junction Temperature
0
10
20
30
40
50
012345
VDS - Drain-to-Source Voltage (V)
2.5V
V =10V, 6.0V, 5.0V, 4.5V, 4.0V
GS
3.5V
3.0V
0
10
20
30
40
50
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VGS - Gate-to-Source Voltage (V)
T =125 C
J
O
T =25 C
J
O
T =-55 C
J
O
V =10V
DS
V =10V
DS
V =10V
DS
0
10
20
30
40
50
60
70
80
0
1020
3040
50
ID - Drain Current (A)
V =10V
GS
V =4.5V
GS
20
40
60
80
100
120
24
68
10
VGS - Gate-to-Source Voltage (V)
ID =10A
TJ =25
oC
125
oC
T =125 C
J
O
T =25 C
J
O
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
-50
-25
0
25
50
75
100 125 150
TJ - Junction Temperature (
oC)
V =10V
I =10A
GS
D


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
ZXMP6A17DN8 DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET 1  2  3  4  5  More Zetex Semiconductors
PJP75N75 75V N-Channel Enhancement Mode MOSFET 1  2  3  4  Pan Jit International Inc.
P75N02LD N-Channel Logic Level Enhancement Mode Field Effect Transistor 1  2  3  List of Unclassifed Manufacturers
SI7842DP Dual N-Channel 30-V D-S MOSFET with Schottky Diode 1  2  3  4  5  Vishay Siliconix
AS4LC4M4883C 4 MEG x 4 DRAM 3.3V EDO PAGE MODE 1  2  3  4  5  More Austin Semiconductor
AP3842 High Performance Current Mode PWM Controller 1  2  3  4  5  More Anachip Corp
IS41C16128 128K x 16 2-MBIT DYNAMIC RAM WITH EDO PAGE MODE 1  2  3  4  5  More Integrated Silicon Solution, Inc
IRLZ4S HEXFET POWER MOSFET 1  2  3  4  5  More International Rectifier
IRF3704ZCSPBF HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRFB4019PBF DIGITAL AUDIO MOSFET 1  2  3  4  5  More International Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn