Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEB2035 Datasheet(PDF) 33 Page - Siemens Semiconductor Group

Part # PEB2035
Description  ICs for Communications (Advanced CMOS Frame Aligner)
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PEB2035 Datasheet(HTML) 33 Page - Siemens Semiconductor Group

Back Button PEB2035 Datasheet HTML 29Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 30Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 31Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 32Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 33Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 34Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 35Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 36Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 37Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 134 page
background image
Semiconductor Group
33
PEB 2035
General Signaling
q
S
a bits in accordance with CCITT Blue Book G.704.
q
E bits in accordance with CCITT Blue Book G.704.
Signaling
q
CCS
For Common Channel Signaling the use of time-slot 16 is recommended. The use of CCS is
allowed with both the doubleframe and the CRC-multiframe format.
q
CAS-CC
For Channel Associated Signaling the use of time-slot 16 is recommended. The autonomous
CAS multiframe structure is not related to a doubleframe or a CRC-multiframe structure (refer to
CCITT G.704).
Note: CAS multiframe synchronization and synthesis is not performed by the ACFA.
Doubleframe Format
The framing structure is defined by the contents of time-slot 0 (refer to table 2).
Table 2
Allocation of Bits 1 to 8 of Time-Slot 0
Notes:1. Si bits: reserved for international use. If not used, these bits should be fixed to ’1’. Access
to received information via bits RSW.RSIS and RSP.RSIF. Transmission is enabled via bits
XSW.XSIS and XSP.XSIF.
2. Fixed to ’1’. Used for synchronization.
3. Remote alarm indication: In undisturbed operation ’0’; in alarm condition ’1’.
4. Sa bits: Reserved for national use. If not used, they should be fixed at ’1’. Access to
received information via bits RSW.RY0 … RY4. Transmission is enabled via bits
XSW.XY0 … XY4. (*)
(*) Note: As a special extension for double frame format, the Sn -bit stack may be used optionally.
Bit
Alternate
Number
Frames
12345678
Frame Containing the
Frame Alignment Signal
Si
0011011
Note 1
Frame Alignment Signal
Frame not Containing the
Frame Alignment Signal
Si
1A
Sa4
Sa5
Sa6
Sa7
Sa8
Note 1
Note 2
Note 3
Note 4


Similar Part No. - PEB2035

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
logo
Siemens Semiconductor G...
PEB20321 SIEMENS-PEB20321 Datasheet
1Mb / 326P
   Multichannel Network Interface Controller for HDLC MUNICH32X
logo
Infineon Technologies A...
PEB20321 INFINEON-PEB20321 Datasheet
4Mb / 366P
   Multichannel Network Interface Controller for HDLC
Version 2.2 Feb. 2001
PEB20324 INFINEON-PEB20324 Datasheet
705Kb / 63P
   ICs for Communications
Version 2.2 04.99
More results

Similar Description - PEB2035

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
   ICs for Communications
Versions 1.3 01.96
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
   ICs for Communications
Version 2.1 2003-08
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
   ICs for Communications
Version 1.1 04.2000
logo
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
   ICs for Communications
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
   ICs for Communications
logo
Infineon Technologies A...
PXB4360F INFINEON-PXB4360F Datasheet
869Kb / 66P
   ICs for Communications
Version 1.10 7.2000
PEB20560 INFINEON-PEB20560 Datasheet
3Mb / 433P
   ICs for Communications
Version 2.1 2003-08
PEF2015 INFINEON-PEF2015 Datasheet
1Mb / 84P
   ICs for Communications
Version 1.1 12.97
PEB2254 INFINEON-PEB2254 Datasheet
16Kb / 3P
   ICs for Communications
10.97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com