Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEB2035 Datasheet(PDF) 93 Page - Siemens Semiconductor Group

Part # PEB2035
Description  ICs for Communications (Advanced CMOS Frame Aligner)
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PEB2035 Datasheet(HTML) 93 Page - Siemens Semiconductor Group

Back Button PEB2035 Datasheet HTML 89Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 90Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 91Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 92Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 93Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 94Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 95Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 96Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 97Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 134 page
background image
Semiconductor Group
93
PEB 2035
RFLG … Receive Multiframe Flag
No function if standard doubleframe format is enabled (MODE.CRC = 0, ref. to
EMOD.DFSN). If MODE.CRC is set to one, this bit is set in (multiframe) synchronous state
at the beginning of every received CRC multiframe (or every eighth received doubleframe).
It is cleared
– with the first read access to the stack RSN, or
– automatically with beginning of frame 15 of every received CRC multiframe (this is valid
only if EMOD.DFSN = 0). In that case, a read access to the stack and to Si bits should be
avoided. Stack RSN and Si bits RSP.RS13 and RSP.RS15 will be updated with beginning
of every CRC multiframe (or every eighth doubleframe). RSP.RFLG should be monitored
continuously at time intervals less than 2 ms (1.5 ms recommended) to receive correct
Sn/Si-bit information.
DSLP … DMA Request Slip
If the use of the signaling stacks RSIG and XSIG is enabled by setting bit XC0.ISIG, this flag
is set if access to one of these stacks (2 bytes) is not completed before a new assigned
request occurs. The flag is cleared by setting bit CCR.CLR.
GPE … Global Parity Error
Set by a parity error in any transmit or receive channel. Cleared by bit CCR.CCPY.
The bit will be set during alarm simulation.
XPE … Transmit Parity Error
If channel parity check is enabled by programming register CPY this bit is set after a transmit
channel parity error occurs in the selected channel. This flag is meaningful only when the
external transmit channel parity input XCHPY is used (enabled by setting bit XC0.EPY). The
flag is set during alarm simulation.
RSIF … Receive Spare Bit for International Use (FAS Word)
First bit in FAS-word. Used only in doubleframe format, otherwise fixed to ‘1’.
RS13 … Receive Spare Bit (Frame 13, CRC Multiframe)
First bit in service word of frame 13. Significant only in CRC-multiframe format, otherwise
fixed to ‘0’. This bit is updated with beginning of every received CRC multiframe (refer to
RSP.RFLG and XSP.MRMB).
RS15 … Receive Spare Bit (Frame 15, CRC Multiframe)
First bit in service word of frame 15. Significant only in CRC-multiframe format, otherwise
fixed to ‘0’. This bit is updated with beginning of every received CRC multiframe (refer to
RSP.RFLG and XSP.MRMB).


Similar Part No. - PEB2035

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
logo
Siemens Semiconductor G...
PEB20321 SIEMENS-PEB20321 Datasheet
1Mb / 326P
   Multichannel Network Interface Controller for HDLC MUNICH32X
logo
Infineon Technologies A...
PEB20321 INFINEON-PEB20321 Datasheet
4Mb / 366P
   Multichannel Network Interface Controller for HDLC
Version 2.2 Feb. 2001
PEB20324 INFINEON-PEB20324 Datasheet
705Kb / 63P
   ICs for Communications
Version 2.2 04.99
More results

Similar Description - PEB2035

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
   ICs for Communications
Versions 1.3 01.96
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
   ICs for Communications
Version 2.1 2003-08
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
   ICs for Communications
Version 1.1 04.2000
logo
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
   ICs for Communications
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
   ICs for Communications
logo
Infineon Technologies A...
PXB4360F INFINEON-PXB4360F Datasheet
869Kb / 66P
   ICs for Communications
Version 1.10 7.2000
PEB20560 INFINEON-PEB20560 Datasheet
3Mb / 433P
   ICs for Communications
Version 2.1 2003-08
PEF2015 INFINEON-PEF2015 Datasheet
1Mb / 84P
   ICs for Communications
Version 1.1 12.97
PEB2254 INFINEON-PEB2254 Datasheet
16Kb / 3P
   ICs for Communications
10.97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com