Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PEB2035 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part No. PEB2035
Description  ICs for Communications (Advanced CMOS Frame Aligner)
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PEB2035 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  PEB2035 Datasheet HTML 1Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 2Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 3Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 4Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 5Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 6Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 7Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 8Page - Siemens Semiconductor Group PEB2035 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 134 page
background image
Semiconductor Group
5
Microprocessor Interface
q
Parallel, demultiplexed microprocessor interface for random access to control and status
registers
q
Alarm interrupt capabilities
q
Access to different signaling information:
– Sa-, E, Si -bits (register)
– Sa-bits (5-byte stack)
– FDL bits with the possibility of mixed insertion
– CCS, CAS-CC (common channel), CAS-BR (bit robbing) via 2/3-byte stacks with DMA/
interrupt support
q
Extensive test and diagnostic capabilities
General
q
Advanced CMOS technology
q
Low power consumption (< 100 mW)
q
Packaging: P-DIP-40, P-LCC-44
1.1
Introduction
The Advanced CMOS Frame Aligner PEB 2035 (ACFA) is a monolithic CMOS device which
implements the interface to primary rate PCM carriers. It may be programmed to operate in 24-
channel (T1) and 32-channel (CEPT) carrier systems.
The ACFA features include: selectable multiframe (six multiframe formats), error checking (CRC4,
CRC6), multiple line codes (HDB3, B8ZS, AMI), and programmable signaling paths. The device
includes functions which meet newest CCITT (Blue Book) and FTZ recommendations for primary
rate interfaces and the AT&T Digital Multiplexed Interface specifications (DMI) plus some additional
features requested by the market. Controlling and monitoring of the device is performed via a
parallel eight-bit microprocessor bus.
The circuit contains a two-frame elastic memory which ensures wander absorption between the
PCM carrier and a synchronous, system internal highway.
All signaling types - CCS, CAS and bit-robbed signaling in conjunction with Clear Channel
Capability - are supported by the ACFA. In addition, the ACFA allows flexible access to facility data
link and service channels. Extensive testing capabilities are included.
The ACFA is suitable for a wide range of voice and data applications. Below you find a list of
equipment as described by the CCITT which potential ACFA applications.
2048 kbit/s Applications
– PCM Multiplex equipment according to G.732, G.735, G.738.
– Digital Multiplex equipment according to G.736
– Digital Multiplex equipment according G.742, G745
– External Access equipment according to G.737, G.739
– Digital Exchange equipment according to G.705, Q.511, Q512
– Transmultiplex equipment according to G.793
PEB 2035


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PIC16LV5X EPROM-Based 8-Bit CMOS Microcontroller Series 1  2  3  4  5  More Microchip Technology
M306V5ME-XXXSP SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1  2  3  4  5  More Mitsubishi Electric Semiconductor
TC5517CP-15 2.048 WORD X 8 BIT CMOS STATIC RAM 1  2  3  4  5  More Toshiba Semiconductor
Z86E22 CMOS Z8 OTP MICROCONTROLLER 1  2  3  4  5  More Zilog, Inc.
27C210 1 MEG CMOS EPROM 64K X 16 1  2  3  4  5  More NXP Semiconductors
VSC7121 Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays 1  2  3  4  5  More Vitesse Semiconductor Corporation
ADA4412-3 Integrated Triple Video Filter with Selectable Cutoff Frequencies for RGB HD/SD 1  2  3  4  5  More Analog Devices
JDV2S05E VCO for UHF band 1  Toshiba Semiconductor
MA27V07 Silicon epitaxial planar type For VCO 1  2  3  Panasonic Semiconductor
NBSG111BAEVB Evaluation Board Manual for NBSG111 1  2  3  4  5  More ON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn