Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IS41C16128 Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part No. IS41C16128
Description  128K x 16 (2-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ISSI [Integrated Silicon Solution, Inc]
Homepage  http://www.issi.com
Logo 

IS41C16128 Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

 
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
IS41C16128
Integrated Silicon Solution, Inc.
5
PRELIMINARY DR002-1D
08/20/98
ISSI®
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameters
Rating
Unit
VT
Voltage on Any Pin Relative to GND
–1.0 to +7.0
V
VCC
Supply Voltage
–1.0 to +7.0
V
IOUT
Output Current
50
mA
PD
Power Dissipation
1
W
TA
Operation Temperature
Com.
0 to +70
°C
Ind.
–40 to +85
TSTG
Storage Temperature
–55 to +125
°C
Note:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
reliability.
RECOMMENDED OPERATING CONDITIONS (Voltages are referenced to GND.)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
VIH
Input High Voltage
2.4
VCC + 1.0
V
VIL
Input Low Voltage
–1.0
+0.8
V
TA
Ambient Temperature
Com.
0
+70
°C
Ind.
–40
+85
CAPACITANCE(1,2)
Symbol
Parameter
Max.
Unit
CIN1
Input Capacitance: A0-A8
5
pF
CIN2
Input Capacitance:
RAS, UCAS, LCAS, WE, OE
7pF
CIO
Data Input/Output Capacitance: I/O0-I/O15
7
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25
°C, f = 1 MHz, VCC = 5.0V + 10%.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn