Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PEB2025 Datasheet(PDF) 17 Page - Siemens Semiconductor Group

Part No. PEB2025
Description  ISDN Exchange Power Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PEB2025 Datasheet(HTML) 17 Page - Siemens Semiconductor Group

Back Button PEB2025 Datasheet HTML 13Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 14Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 15Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 16Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 17Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 18Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 19Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 20Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 21Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Semiconductor Group
17
PEB 2025
DC Characteristics
T
A = 0 to 70 ˚C; V BAT = – 12 to – 60 V, V CC = 5 V, GND = 0 V
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Supply
Supply current
I
VBAT
200
µAa
F0-3 = OFF
Digital supply current
I
VCC
510
mA
Line Drivers
Current control limit
Current control limit
I
max
I
max
60
120
90
185
mA
mA
R
I = 12 kΩ
R
I = 5.6 kΩ
Current limiting factor (
I
aFi)
I
lim/I max
1.5
5
Turn on resistance (
V
BAT to
aFi)
R
DSon
79
I
aF = 50 mA
T
A = 25 ˚C
Logic
L-input voltage
V
IL
0.8
V
H-input voltage
V
IH
2.0
V
L-output voltage
V
OL
0.45
V
I
O = 2 mA
H-output voltage
V
OH
2.4
V
I
O = – 1 mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn