Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PEB2025 Datasheet(PDF) 16 Page - Siemens Semiconductor Group

Part No. PEB2025
Description  ISDN Exchange Power Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PEB2025 Datasheet(HTML) 16 Page - Siemens Semiconductor Group

Back Button PEB2025 Datasheet HTML 12Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 13Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 14Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 15Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 16Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 17Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 18Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 19Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 20Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Semiconductor Group
16
PEB 2025
Absolute Maximum Ratings
Operating Range
Parameter
Symbol
Limit Values
Unit
min.
max.
V
BAT referred to GND
V
BAT
– 70
0.3
V
V
CC referred to GND
V
CC
– 0.5
6
V
Voltage on pins aF0 - aF3
V
F
V
BAT
V
CC
V
Continuous current on pins aF0 - aF3 only one
channel
all channels at the same time;
T
A = 25 ˚C
all channels at the same time;
T
A = 70 ˚C
I
F
200
150
130
mA
mA
mA
Reverse current on pins at aF0 - aF3
I
F
00mA
Voltage on any other pins referred to GND
V
I
– 0.5
V
CC + 0.5
V
Power dissipation
P
D
1W
Ambient temperature under bias
T
A
– 25
85
˚C
Storage temperature
T
stg
– 40
125
˚C
Thermal resistance system to case
R
th SA
50
K/W
Operating voltage referred to GND
V
BAT
– 60
– 12
V
Digital supply voltage referred to GND
V
CC
4.75
5.25
V
Ambient temperature
T
A
070
˚C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn