Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PEB2025 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. PEB2025
Description  ISDN Exchange Power Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PEB2025 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  PEB2025 Datasheet HTML 1Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 2Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 3Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 4Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 5Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 6Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 7Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 8Page - Siemens Semiconductor Group PEB2025 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Semiconductor Group
4
PEB 2025
912
INT
O
Interrupt: Open drain output. If any
malfunction is detected by the IEPC, this
interrupt-pin is activ low.
6, 10, 17, 27 N.C.
Not connected
Pin Definitions and Functions (cont’d)
Pin No.
P-DIP-22
Pin No.
P-LCC-28
Symbol
Input (I)
Output (O)
Function
Figure 1
Functional Block Diagram


Similar Part No. - PEB2025

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
PEB20256 INFINEON-PEB20256 Datasheet
2Mb / 216P
   Multichannel Network Interface Controller for HDLC/PPP
PEB20256E INFINEON-PEB20256E Datasheet
2Mb / 216P
   Multichannel Network Interface Controller for HDLC/PPP
More results

Similar Description - PEB2025

ManufacturerPart No.DatasheetDescription
Siemens Semiconductor Group
Siemens Semiconductor G...
PSB2120 SIEMENS-PSB2120 Datasheet
292Kb / 20P
   ISDN Remote Power Controller
PEB2085 SIEMENS-PEB2085 Datasheet
1Mb / 320P
   ISDN SubscribernAccess Controller
Infineon Technologies AG
Infineon Technologies A...
PEB2426 INFINEON-PEB2426 Datasheet
345Kb / 30P
   Quad ISDN High Voltage Power Controller
PEB3086 INFINEON-PEB3086 Datasheet
3Mb / 262P
   ISDN SUBSCRIBER ACCESS CONTROLLER
Jan. 2003 V 1.4
Macronix International
Macronix International
MX97102 MCNIX-MX97102 Datasheet
309Kb / 42P
   ISDN S/T CONTROLLER
STMicroelectronics
STMicroelectronics
ST5451 STMICROELECTRONICS-ST5451 Datasheet
269Kb / 34P
   ISDN HDLC AND GCI CONTROLLER
FOTEK CONTROLS CO., LTD.
FOTEK CONTROLS CO., LTD...
G4Q-K1 FOTEK-G4Q-K1 Datasheet
132Kb / 1P
   EXCHANGE RElAY
Siemens Semiconductor Group
Siemens Semiconductor G...
PSB7110 SIEMENS-PSB7110 Datasheet
1Mb / 164P
   Enhanced ISDN Data Access Controller ISAR
Winbond
Winbond
W6692 WINBOND-W6692 Datasheet
515Kb / 104P
   PCI Bus ISDN S/T-Controller
W6694 WINBOND-W6694 Datasheet
472Kb / 33P
   USB Bus ISDN S/T-Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz