Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP32233 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSOP32233
Description  IR Receiver Modules for Remote Control Systems
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP32233 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSOP32233 Datasheet HTML 1Page - Vishay Siliconix TSOP32233 Datasheet HTML 2Page - Vishay Siliconix TSOP32233 Datasheet HTML 3Page - Vishay Siliconix TSOP32233 Datasheet HTML 4Page - Vishay Siliconix TSOP32233 Datasheet HTML 5Page - Vishay Siliconix TSOP32233 Datasheet HTML 6Page - Vishay Siliconix TSOP32233 Datasheet HTML 7Page - Vishay Siliconix TSOP32233 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TSOP322..
Document Number 82228
Rev. 1.2, 31-Jan-05
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Figure 1. Output Function
Figure 2. Pulse Length and Sensitivity in Dark Ambient
Figure 3. Output Function
Ee
T
tpi *
t
* tpi w 10/fo is recommended for optimal function
VO
VOH
VOL
t
16110
Optical Test Signal
(IR diode TSAL6200, IF = 0.4 A, 30 pulses, f = f0, T = 10 ms)
Output Signal
td1 )
tpo2 )
1 ) 7/f0 < td < 15/f0
2 )
tpi–5/f0 < tpo < tpi+6/f0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.11.010.0
100.0 1000.010000.0
Ee – Irradiance ( mW/m2 )
16908
Input Burst Duration
l = 950 nm,
optical test signal, fig.1
Output Pulse
Ee
t
VO
VOH
VOL
t
600
ms
600
ms
T = 60 ms
Ton
Toff
94 8134
Optical Test Signal
Output Signal, ( see Fig.4 )
Figure 4. Output Pulse Diagram
Figure 5. Frequency Dependence of Responsivity
Figure 6. Sensitivity in Bright Ambient
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.11.010.0
100.0 1000.010000.0
Ee – Irradiance ( mW/m2 )
16909
Toff
l = 950 nm,
optical test signal, fig.3
Ton
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.70.9
1.11.3
f/f0 – Relative Frequency
16925
f = f0"5%
Df ( 3dB ) = f0/10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.01
0.10
1.00
10.00
100.00
E – Ambient DC Irradiance (W/m2)
16911
Correlation with ambient light sources:
10W/m2
^1.4klx (Std.illum.A,T=2855K)
10W/m2
^8.2klx (Daylight,T=5900K)
Ambient,
l = 950 nm


Similar Part No. - TSOP32233

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP32233 VISHAY-TSOP32233 Datasheet
152Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 19-Aug-08
TSOP32233UH1 VISHAY-TSOP32233UH1 Datasheet
252Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1, 28-Apr-03
More results

Similar Description - TSOP32233

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com