Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS40140
Description  DUAL OR 2-PHASE, STACKABLE CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40140 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS40140 Datasheet HTML 24Page - Texas Instruments TPS40140 Datasheet HTML 25Page - Texas Instruments TPS40140 Datasheet HTML 26Page - Texas Instruments TPS40140 Datasheet HTML 27Page - Texas Instruments TPS40140 Datasheet HTML 28Page - Texas Instruments TPS40140 Datasheet HTML 29Page - Texas Instruments TPS40140 Datasheet HTML 30Page - Texas Instruments TPS40140 Datasheet HTML 31Page - Texas Instruments TPS40140 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
www.ti.com
5.27 CONFIGURING SINGLE AND MULTIPLE ICS
5.27.1 Single Device Operation
TPS40140
DUAL OR 2-PHASE, STACKABLE CONTROLLER
SLUS660A – SEPTEMBER 2005 – REVISED JULY 2006
The controller may be configured for a single output, 2 Phase mode or a Dual output voltage mode. In the
Dual output mode the input voltages and the output voltages are independent of each other. In 2 Phase
mode the input voltages and output voltages are tied together, respectively and certain other pins must be
configured. The two phases of a single controller are always 180
° out of phase. The entry in the following
tables that refer to' TO NETWORK' means the normal resistor-capacitor network used for control loop
compensation. The other entries refer to components that are typically connected to the Device Pin.
A single controller may be configured as a 2 Phase or Dual output. A summary of the modes and device
pin connections for a single controller is given in Table 5-2. The basic schematic of a single controller
operating in a 2 Phase mode is shown in Figure 5-11 . The Dual output schematic is shown in
Figure 5-14.
Table 5-2. TPS40140 SINGLE device MODE SELECTION AND PIN CONFIGURATION
DEVICE PIN
FOR 2 PHASE MODE
FOR DUAL OUTPUT MODE
COMP1
TO NETWORK
TO NETWORK
COMP2
COMP1
TO NETWORK
TRK1
TO SS CAPACITOR
TO SS CAPACITOR
TRK2
TO BP5
TO SS CAPACITOR
ILIM1
TO SET RESISTORS
TO SET RESISTORS
ILIM2
GND
TO SET RESISTORS
FB1
TO NETWORK
TO NETWORK
FB2
GND
TO NETWORK
PHSEL
GND
GND
PGOOD1
TO PULL-UP RESISTOR
TO PULL-UP RESISTOR
PGOOD1
TO PULL-UP RESISTOR
TO PULL-UP RESISTOR
CLKIO
OPEN
OPEN
APPLICATION INFORMATION
28
Submit Documentation Feedback


Similar Part No. - TPS40140

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI1-TPS40140 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHR TI1-TPS40140RHHR Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHRG4 TI1-TPS40140RHHRG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHT TI1-TPS40140RHHT Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHTG4 TI1-TPS40140RHHTG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
More results

Similar Description - TPS40140

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz