Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS40140
Description  DUAL OR 2-PHASE, STACKABLE CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40140 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPS40140 Datasheet HTML 21Page - Texas Instruments TPS40140 Datasheet HTML 22Page - Texas Instruments TPS40140 Datasheet HTML 23Page - Texas Instruments TPS40140 Datasheet HTML 24Page - Texas Instruments TPS40140 Datasheet HTML 25Page - Texas Instruments TPS40140 Datasheet HTML 26Page - Texas Instruments TPS40140 Datasheet HTML 27Page - Texas Instruments TPS40140 Datasheet HTML 28Page - Texas Instruments TPS40140 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 65 page
background image
www.ti.com
5.26 CALCULATING OVERCURRENT PROTECTION LEVEL
I
RIPPLE +
V
IN * VOUT
L
V
OUT
V
IN
1
f
SW
(11)
I
PEAK +
I
RIPPLE
2
) IOC
(12)
TPS40140
DUAL OR 2-PHASE, STACKABLE CONTROLLER
SLUS660A – SEPTEMBER 2005 – REVISED JULY 2006
In Figure 5-9, normal operation is occurring between t0 and t1 as shown by V
OUT being at the regulated
voltage, (C) and normal switching on the SW NODE (B) and COMP at it's nominal level, (D). At t1, an
overcurrent load is experienced. The increased current forces COMP to increase to the ILIM level as
shown in (D). If the COMP voltage is above the ILIM voltage for 7 switching cycles, the controller enters a
hiccup mode. During this time the controller is not switching and the switching MOSFETs are turned off.
The TRCKn voltage goes through 7 cycles of charging and discharging the soft-start capacitor. At the end
of the 7 cycles the controller attempts another normal re-start. If the fault has been cleared, the output
voltage comes up to the regulation level as shown at time t3. If the fault has not cleared, the COMP
voltage again rises above the ILIM voltage and the hiccup mode repeats.
If the overcurrent condition exists for seven (7) PWM clock cycles the converter turns off the upper and
lower MOSFETs and initiates a hiccup mode restart. In hiccup mode, the TRKx pin is periodically charged
and discharged. After seven hiccup cycles, the controller attempts another soft-start cycle to restore
normal operation. If the overload condition persists, the controller returns to the hiccup mode. This
condition may continue indefinitely.
In order to set the desired overcurrent (IOC), a few variables must be known. The input and output voltage,
the output inductor value and it's DC resistance (DCR), as well as the switching frequency. Also known
are the ramp voltage which is 0.5 V and the VSHARE voltage, VSH which is 1.8 V. See the list of variables
and their values at the end of this section.
The overcurrent set point is in terms of the DC output current, but the current sense circuit monitors the
peak of the current. Therefore, the current ripple is needed and is calculated from
• input voltage (V
IN)
• output voltage (V
OUT)
• switching frequency (f
SW)
• output inductance (L)
The ripple current is given by Equation 11.
The peak current detected is given by Equation 12, and used in Equation 14.
It is this I
PEAK current that is detected by the current sense circuit. The two resistors needed to set the
peak overcurrent protection threshold and their connection for each channel is shown in Figure 5-10.
DESIGN HINT: Resistor R2 may be connected to the output voltage, Vout, or to the output of the
differential amplifier, DIFFO, if used.
Submit Documentation Feedback
APPLICATION INFORMATION
25


Similar Part No. - TPS40140

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI1-TPS40140 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHR TI1-TPS40140RHHR Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHRG4 TI1-TPS40140RHHRG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHT TI1-TPS40140RHHT Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHTG4 TI1-TPS40140RHHTG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
More results

Similar Description - TPS40140

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz