Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40140
Description  DUAL OR 2-PHASE, STACKABLE CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40140 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS40140 Datasheet HTML 20Page - Texas Instruments TPS40140 Datasheet HTML 21Page - Texas Instruments TPS40140 Datasheet HTML 22Page - Texas Instruments TPS40140 Datasheet HTML 23Page - Texas Instruments TPS40140 Datasheet HTML 24Page - Texas Instruments TPS40140 Datasheet HTML 25Page - Texas Instruments TPS40140 Datasheet HTML 26Page - Texas Instruments TPS40140 Datasheet HTML 27Page - Texas Instruments TPS40140 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 65 page
background image
www.ti.com
5.24 CURRENT SENSING AND BALANCING
5.25 OVERCURRENT DETECTION AND HICCUP MODE
TRCKn
SW NODE
VOUT
COMP
ILIM
2.4 V
1.5 V
0.5 V
GND
VIN
GND
VOUT, REG
GND
t0
t1
t2
t3
(A)
(B)
(C)
(D)
TPS40140
DUAL OR 2-PHASE, STACKABLE CONTROLLER
SLUS660A – SEPTEMBER 2005 – REVISED JULY 2006
The controller employs peak current mode control scheme, thus naturally provides certain degree of
current balancing. With current mode, the level of current feedback should comply with certain guidelines
depending on duty factor known as “slope compensation” to avoid the sub-harmonic instability. This
requirement can prohibit achieving a higher degree of phase current balance. To avoid the controversy, a
separate current loop that forces phase currents to match is added to the proprietary control scheme. This
effectively provides high degree of current sharing independent of the controller’s small signal response
and is implemented in U3 and U22, ICTLR.
High bandwidth current amplifiers, U2 and U21 can accept as an input voltage either the voltage drop
across dedicated precise current sense resistors, or inductor’s DCR voltage derived by an RC network, or
thermally compensated voltage derived from the inductor’s DCR. The wide range of current sense
arrangements ease the cost/complexity constrains and provides superior performance compared to
controllers utilizing the low-side MOSFET current sensing.
See the Inductor DCR Current Sense sectionfor selecting the values of the RC network.
In order to reduce the input current and component dissipation during on overcurrent event, a hiccup
mode is implemented. Hiccup mode refers to a sequence of 7 soft-start cycles where no MOSFET
switching occurs and then a re-start is attempted. If the fault has cleared, the re-start results in returning to
normal operation and regulation. This is shown in Figure 5-9.
Figure 5-9. Hiccup Mode and Recovery
APPLICATION INFORMATION
24
Submit Documentation Feedback


Similar Part No. - TPS40140

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI1-TPS40140 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHR TI1-TPS40140RHHR Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHRG4 TI1-TPS40140RHHRG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHT TI1-TPS40140RHHT Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHTG4 TI1-TPS40140RHHTG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
More results

Similar Description - TPS40140

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com