Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS40140
Description  DUAL OR 2-PHASE, STACKABLE CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40140 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS40140 Datasheet HTML 17Page - Texas Instruments TPS40140 Datasheet HTML 18Page - Texas Instruments TPS40140 Datasheet HTML 19Page - Texas Instruments TPS40140 Datasheet HTML 20Page - Texas Instruments TPS40140 Datasheet HTML 21Page - Texas Instruments TPS40140 Datasheet HTML 22Page - Texas Instruments TPS40140 Datasheet HTML 23Page - Texas Instruments TPS40140 Datasheet HTML 24Page - Texas Instruments TPS40140 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
www.ti.com
0
50
100
150
200
250
300
350
400
450
100
200
300
400
500
600
700
800
900 1000
Phase Switching Frequency − kHz
PHASE FREQUENCY
vs
TIMING RESISTOR
5.21 SYNCHRONIZING A SINGLE CONTROLLER TO AN EXTERNAL CLOCK
TPS40140
DUAL OR 2-PHASE, STACKABLE CONTROLLER
SLUS660A – SEPTEMBER 2005 – REVISED JULY 2006
Figure 5-6. Phase Switching Frequency vs RT
The TPS40140 has the ability to synchronize a single controller to an external clock. The clock must be a
pulse stream at 6 or 8 times the Master PWM frequency. See Figure 5-7.
Synchronizing the single controller to an external clock is similar to synchronizing a clock slave to a clock
master. The single controller is put in clock slave mode by connecting the RT pin to BP5, disabling the
internal clock generator. If the external CLKIO signal is a clock stream without any missing pulses, the
master synchromizes to an arbitrary pulse so there is no determinant phase synchronization. Without a
missing pulse, the PWM frequency will be 1/8 of the external clock. If the external CLKIO signal has a
missing pulse every 6 cycles or 8 cycles, the controller synchronizes based on the missing pulse which
would be in the 6th or 8th position. With the missing pulse, the phase synchronization of the master, to the
missing pulse, can be controlled by the voltage on the PHSEL pin. See the section on DIGITAL CLOCK
SYNCHRONIZATION. Phase shifting would also be desirable if more than one controller were to be
synchronized to the same external clock.
Figure 5-7 shows a time slice of the two external clock possibilities and the resulting PWM signal. EXT
CLK-A is the continuous clock with no missing pulse and the PWM-A signal could be frequency
synchronized anywhere in the clock stream. The PWM signal is at 1/8 of the EXT CLK-A frequency. EXT
CLK-S is the external clock stream with a missing pulse every 8 cycles. The phasing of the PWM-S is
based on the voltage on the PHSEL pin. For PHSEL grounded, the PWM-S signal is shifted 90 degrees
from what would be the falling edge of the missing pulse as shown.
Submit Documentation Feedback
APPLICATION INFORMATION
21


Similar Part No. - TPS40140

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI1-TPS40140 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHR TI1-TPS40140RHHR Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHRG4 TI1-TPS40140RHHRG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHT TI1-TPS40140RHHT Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHTG4 TI1-TPS40140RHHTG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
More results

Similar Description - TPS40140

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz