Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS40140
Description  DUAL OR 2-PHASE, STACKABLE CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40140 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS40140 Datasheet HTML 16Page - Texas Instruments TPS40140 Datasheet HTML 17Page - Texas Instruments TPS40140 Datasheet HTML 18Page - Texas Instruments TPS40140 Datasheet HTML 19Page - Texas Instruments TPS40140 Datasheet HTML 20Page - Texas Instruments TPS40140 Datasheet HTML 21Page - Texas Instruments TPS40140 Datasheet HTML 22Page - Texas Instruments TPS40140 Datasheet HTML 23Page - Texas Instruments TPS40140 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 65 page
background image
www.ti.com
5.17 OVERTEMPERATURE
5.18 FAULT MASKING OPERATION
5.19 PROTECTION AND FAULT MODES
5.20 SETTING THE SWITCHING FREQUENCY
R+1.33
39.2
10
3
ƒ*1.041
PH
*7 ;
(6)
TPS40140
DUAL OR 2-PHASE, STACKABLE CONTROLLER
SLUS660A – SEPTEMBER 2005 – REVISED JULY 2006
If the temperature of the controller die is detected to be above 155
°C, the upper and lower MOSFETs are
turned off and the 5-V regulator, VREG, is turned off. When the die temperature decreases 30
°C the
controller performs a normal start up.
If the TRKx pin voltage is externally limited below the 1.4-V threshold, the controller does not respond to
an Undervoltage fault and the PGOOD output remains low. Other fault modes remain operational. The
overcurrent protection continues to terminate PWM cycle every time the threshold is exceeded, but the
hiccup mode is not entered.
There are modes of normal operation during start up and shut down as well various fault modes that may
be detected. It is often necessary to know the state of the upper and lower MOSFETs in these modes.
Table xx shows a summary of these modes and the state of the MOSFETs. A description of each mode
follows the table.
Table 5-1. Fault Mode Summary
MODE
UPPER MOSFET
LOWER MOSFET
PROGRAMMABLE UVLO_CEx = LOW
OFF
OFF
POWER ON RESET: FIXED UVLO, BP5 < 4.25V
OFF
OFF
OVERCURRENT
OFF, HICCUP MODE
OFF, HICCUP MODE
OUTPUT UNDERVOLTAGE
OFF, HICCUP MODE
OFF, HICCUP MODE
OUTPUT OVERVOLTAGE, PRIOR TO PWM SWITCHING
OFF
OFF
OUTPUT OVERVOLTAGE, WHILE PWM SWITCHING
PWM SWITCHING
PWM SWITCHING
CLKFLT, MISSING CLKIO AT SLAVE
OFF
OFF
PHSEL VOLTAGE > 4V, or open to ground
OFF
OFF
OVERTEMPERATURE
OFF
OFF
The clock frequency is programmed by the value of the timing resistor connected from the RT pin to
ground. See Equation 6. This equation gives the frequency for an 8-phase system. For a 6-phase system
the frequency is 1 1/3 times higher.
f
PH is a single phase frequency, kHz. The Rt resistor value is expressed in kΩ. See Figure 5-6.
APPLICATION INFORMATION
20
Submit Documentation Feedback


Similar Part No. - TPS40140

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI1-TPS40140 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHR TI1-TPS40140RHHR Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHRG4 TI1-TPS40140RHHRG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHT TI1-TPS40140RHHT Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHTG4 TI1-TPS40140RHHTG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
More results

Similar Description - TPS40140

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz