Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40140 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40140
Description  DUAL OR 2-PHASE, STACKABLE CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40140 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS40140 Datasheet HTML 15Page - Texas Instruments TPS40140 Datasheet HTML 16Page - Texas Instruments TPS40140 Datasheet HTML 17Page - Texas Instruments TPS40140 Datasheet HTML 18Page - Texas Instruments TPS40140 Datasheet HTML 19Page - Texas Instruments TPS40140 Datasheet HTML 20Page - Texas Instruments TPS40140 Datasheet HTML 21Page - Texas Instruments TPS40140 Datasheet HTML 22Page - Texas Instruments TPS40140 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 65 page
background image
www.ti.com
5.10 PROGRAMMABLE INPUT UNDERVOLTAGE LOCK OUT PROTECTION
5.11 POWER ON RESET (POR)
5.12 OVERCURRENT
5.13 OUTPUT UNDERVOLTAGE PROTECTION
5.14 OUTPUT OVERVOLTAGE PROTECTION
5.15 CLKFLT, CLKIO PIN FAULT
5.16
PHSEL PIN FAULT
TPS40140
DUAL OR 2-PHASE, STACKABLE CONTROLLER
SLUS660A – SEPTEMBER 2005 – REVISED JULY 2006
A voltage divider that sets 2 V on the UVLO_CEx pins determines when the controller begins to operate.
The internal regulators are enabled when the voltage on the UVLO_CEx pins exceeds 1 V, but switching
commences when the voltage is 2 V.
The internal POR function ensures the VREG and BP5 voltages are within their regulation windows before
the controller is allowed to start.
The operation during an overcurrent condition is described in the ‘Overcurrent Detection and Hiccup
Mode’ section. In summary, when the controller detects 7 clock cycles of an overcurrent condition, the
upper and lower MOSFETs are turned off and the controller enters a 'hiccup' mode'. After seven soft start
cycles, normal switching is attempted. If the overcurrent has cleared, normal operation resumes, otherwise
the sequence repeats.
If the output voltage, as sensed by U23 of the Functional Block Diagram on the FB pin becomes less than
0.588 V, the undervoltage protection threshold (84% of VREF), the controller enters the hiccup mode as
described in the Overcurrent Detection and Hiccup Mode section.
Output overvoltage is defined as any voltage greater than the regulation level that appears on the output.
Overvoltage protection is accomplished by the feedback loop monitoring the output voltage via the FB pin.
If, during operation the output voltage experiences an overvoltage condition the FB pin voltage rises and
the control loop turns the upper FET off and the lower FET is turned on until the output returns to set level.
This puts the overvoltage channel in a boost mode configuration and tends to cause the input voltage to
be boosted up.
If the output overvoltage condition exists prior to the controller PWM switching starting, i.e., no switching
has commenced, the overvoltaged channel does not start PWM switching. This controller allows for
operating with a pre-biased output. Since the output is greater than the regulation voltage, no PWM
switching occurs.
DESIGN HINT: Care must be taken to insure there is sufficient load on the input voltage to prevent
excessive boosting.
If the CLKIO signal is to be distributed from the Master to the Slave controllers, and is not there, the Slave
controller enters a ‘Standby’ mode. The upper and lower MOSFETs are turned off but the internal 5-V
regulator is still active and VREG is present. The CLKIO signal could be turned off at the Master controller
or the connection to the Slave CLKIO input could be opened. If the CLKIO signal is restored, normal
operation continues.
The PHSEL pin is normally terminated with a resistor string, or tied directly to ground. If this string
becomes open, the PHSEL pin voltage is pulled up internally to greater than 4V. The controller enters a
‘Standby’ mode. The upper and lower MOSFETs are turned off but the internal 5V regulator is still active
and VREG is present. If the PHSEL connection is restored, normal operation continues after 64 PWM
clock cycles.
Submit Documentation Feedback
APPLICATION INFORMATION
19


Similar Part No. - TPS40140

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40140 TI1-TPS40140 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHR TI1-TPS40140RHHR Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHRG4 TI1-TPS40140RHHRG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHT TI1-TPS40140RHHT Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHTG4 TI1-TPS40140RHHTG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
More results

Similar Description - TPS40140

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
logo
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
logo
ON Semiconductor
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com