Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40140
Description  DUAL OR 2-PHASE, STACKABLE CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40140 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS40140 Datasheet HTML 12Page - Texas Instruments TPS40140 Datasheet HTML 13Page - Texas Instruments TPS40140 Datasheet HTML 14Page - Texas Instruments TPS40140 Datasheet HTML 15Page - Texas Instruments TPS40140 Datasheet HTML 16Page - Texas Instruments TPS40140 Datasheet HTML 17Page - Texas Instruments TPS40140 Datasheet HTML 18Page - Texas Instruments TPS40140 Datasheet HTML 19Page - Texas Instruments TPS40140 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 65 page
background image
www.ti.com
5.4 TRACK (SOFT-START WITHOUT PRE-BIASED OUTPUT)
T
SS + CSS
58
103
(1)
5.5 SOFT-START WITH PRE-BIASED OUTPUTS
t1 +
C
SS
6 mA
V
OUT
R
BIAS
R1 ) RBIAS
(2)
t2 +
C
SS
12 mA
0.7 V *
V
OUT
R
BIAS
R1 ) RBIAS
(3)
T
SS + t1 ) t2
(4)
TPS40140
DUAL OR 2-PHASE, STACKABLE CONTROLLER
SLUS660A – SEPTEMBER 2005 – REVISED JULY 2006
A capacitor connected to the TRKx pins sets the power-up time. When UVLO_CEx is high and the internal
power-on reset (POR) is cleared, the calibrated current source, starts charging the external soft start
capacitor with 12-
µA. The PGOOD pin is held low during the start up. The rising voltage across the
capacitor serves as a reference for the error amplifier, U10 and U14. When the soft start voltage reaches
the level of the reference voltage, VREF = 0.7 V, the converter’s output reaches the regulation point and
further voltage rise of the soft-start voltage has no effect on the output. When the soft start voltage
reaches 1.4 V, the powergood (PGOOD) function is cleared to be reported on the PGOOD pin. Normally
the PGOOD pin goes high at this time. Equation 1 is used to calculate the value of the soft-start capacitor.
Css is in Farads and Tss is given in seconds.
For pre-biased outputs the TPS40140 uses two levels of soft-start current that charge the soft-start
capacitor connected to the TRKx pin(s). PWM switching begins when the TRKx voltage rises to the
voltage present on the FBx pin. When the first PWM pulse occurs, the charging current is increased to 12
µA. Figure 5-2 shows the typical waveforms present on the TRACKx pin and the output voltage, VOUT
when VOUT is pre-biased. TRKx rises due to the 6
µA current, until at T1 the voltage on TRKx equals the
pre-biased voltage on the FBx pin, at time t1. At this time the soft-start current is increased to 12
µA and
TRKx rises with an increase in it's slope. When TRKx reaches 0.7 V, at time t2, the output should be in
regulation. The voltage on the TRKx pin continues to rise. When the TRKx voltage is 1.4 V, at time t3, the
PGOODx signal is enabled. The TRKx voltage continues to rise to 2.4 V where is is clamped internally.
This approach provides for an accurate detection of the threshold where FBx = TRKx. Figure 5-3 is a
block diagram of the implementation. The calculation for the soft start time, due to pre-bias, includes the
time from t0 to t1, plus the time from t1 to t2, as shown in Equation 2 through Equation 4.
where
• Css is in Farads
• Tss is in seconds
If there is no pre-bias (V
OUT = 0 V), the equation reduces to case without pre-bias.
APPLICATION INFORMATION
16
Submit Documentation Feedback


Similar Part No. - TPS40140

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI1-TPS40140 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHR TI1-TPS40140RHHR Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHRG4 TI1-TPS40140RHHRG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHT TI1-TPS40140RHHT Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHTG4 TI1-TPS40140RHHTG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
More results

Similar Description - TPS40140

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com