Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40140
Description  DUAL OR 2-PHASE, STACKABLE CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40140 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS40140 Datasheet HTML 11Page - Texas Instruments TPS40140 Datasheet HTML 12Page - Texas Instruments TPS40140 Datasheet HTML 13Page - Texas Instruments TPS40140 Datasheet HTML 14Page - Texas Instruments TPS40140 Datasheet HTML 15Page - Texas Instruments TPS40140 Datasheet HTML 16Page - Texas Instruments TPS40140 Datasheet HTML 17Page - Texas Instruments TPS40140 Datasheet HTML 18Page - Texas Instruments TPS40140 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 65 page
background image
www.ti.com
5
APPLICATION INFORMATION
5.1 FUNCTIONAL DESCRIPTION
5.2 DATA SHEET ORGANIZATION
5.3 TYPICAL START UP SEQUENCE
TRKx
UVLO_CEx
BP5
VREG
0.7 V
1 .4 V
VOUT
PGOOD
VDD
SSWAIT
2.4 V
TPS40140
DUAL OR 2-PHASE, STACKABLE CONTROLLER
SLUS660A – SEPTEMBER 2005 – REVISED JULY 2006
The TPS40140 operates with a programmable fixed switching frequency. It is a current feedback controller
with forced phase current balancing. When compared to voltage mode control, the current feedback
controller results in a simplified feedback network and reduced input line sensitivity. Phase current is
sensed by using either the DCR (direct current resistance) of the filter inductors or current sense resistors
installed in series with the output. See the section on INDUCTOR DCR CURRENT SENSE. The current
signal is then amplified and superimposed on the amplified voltage error signal to provide current mode
PWM control.
Other features include programmable input Under Voltage Lock Out (UVLO), differential input amplifier for
precise output regulation, user programmable operation frequency, programmable pulse-by-pulse
overcurrent protection, output under-voltage shutdown and re-start, capacitor to set soft-start time and
power good indicators.
The Application Information is partitioned into sections to facilitate applying the TPS40140 in various
modes and configurations. The first sections describe functions that are used in all configurations. The
following sections are specific to the configuration ( i.e., single controller, multiple controllers, Master and
Slave).
Figure 5-1 shows a typical start up with the VDD applied to the controller and then the UVLO-CEx being
enabled. Shut down occurs when the VDD is removed.
Figure 5-1. Typical Start Up and Shut Down Sequence
Submit Documentation Feedback
APPLICATION INFORMATION
15


Similar Part No. - TPS40140

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI1-TPS40140 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHR TI1-TPS40140RHHR Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHRG4 TI1-TPS40140RHHRG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHT TI1-TPS40140RHHT Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHTG4 TI1-TPS40140RHHTG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
More results

Similar Description - TPS40140

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com