Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS40140
Description  DUAL OR 2-PHASE, STACKABLE CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40140 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS40140 Datasheet HTML 10Page - Texas Instruments TPS40140 Datasheet HTML 11Page - Texas Instruments TPS40140 Datasheet HTML 12Page - Texas Instruments TPS40140 Datasheet HTML 13Page - Texas Instruments TPS40140 Datasheet HTML 14Page - Texas Instruments TPS40140 Datasheet HTML 15Page - Texas Instruments TPS40140 Datasheet HTML 16Page - Texas Instruments TPS40140 Datasheet HTML 17Page - Texas Instruments TPS40140 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 65 page
background image
www.ti.com
4.4 FUNCTIONAL BLOCK DIAGRAM
+
VOUT
GSNS
DIFFO
OC/UV
DETECTION
RT
CLOCK
MCLK
2
3
1
OC2
5
+
+
CS2
CSRT2
14
RAMP
GEN
RAMP1
RAMP2
PHSEL
4
BOOT1
BOOT2
HDRV1
HDRV2
VREG
PGND
VREG
LDRV1
LDRV2
SW2
SW1
ANTI
CROSS
CONDUCTION
ANTI
CROSS
CONDUCTION
PWM
LOGIC
PWM
1
PWM
2
27
26
25
21
24
23
18
19
20
22
U2
U3
U6
U7
U8
U9
U12
U18
U19
U21
U23
U24
U25
U26
PGOOD1
30
PGOOD2
15
RAMP1
GND
7
COMP1
35
U10
VREF
U11
+
+
FB1
36
TRK1
6−12uA
33
U13
0.7V
COMP2
10
U14
VREF
U15
+
+
FB2
9
TRK2
6−12uA
12
U20
0.7V
6
U22
ICTLR2
VSHARE
UVLO_CE1
29
UVLO_CE2
16
ILIM2
11
VDD
17
VREG
+
CS1
CSRT1
31
32
U4
ICTLR1
ILIM1
34
FB1
FB2
OC1
OC1
+
+
+
+
+
RAMP2
U16
U17
CLKIO
28
V5Reg
U1
U5
BP5
8
13
1.8 V
ICTLR1
TPS40140
DUAL OR 2-PHASE, STACKABLE CONTROLLER
SLUS660A – SEPTEMBER 2005 – REVISED JULY 2006
14
DEVICE INFORMATION
Submit Documentation Feedback


Similar Part No. - TPS40140

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI1-TPS40140 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHR TI1-TPS40140RHHR Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHRG4 TI1-TPS40140RHHRG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHT TI1-TPS40140RHHT Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHTG4 TI1-TPS40140RHHTG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
More results

Similar Description - TPS40140

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz