Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40140
Description  DUAL OR 2-PHASE, STACKABLE CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40140 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS40140 Datasheet HTML 8Page - Texas Instruments TPS40140 Datasheet HTML 9Page - Texas Instruments TPS40140 Datasheet HTML 10Page - Texas Instruments TPS40140 Datasheet HTML 11Page - Texas Instruments TPS40140 Datasheet HTML 12Page - Texas Instruments TPS40140 Datasheet HTML 13Page - Texas Instruments TPS40140 Datasheet HTML 14Page - Texas Instruments TPS40140 Datasheet HTML 15Page - Texas Instruments TPS40140 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 65 page
background image
www.ti.com
4.3 VOLTAGE MASTER AND VOLTAGE SLAVE
4.3.1
TERMINAL FUNCTIONS
TPS40140
DUAL OR 2-PHASE, STACKABLE CONTROLLER
SLUS660A – SEPTEMBER 2005 – REVISED JULY 2006
A Voltage Master has the channel that monitors the output voltage and generates the 'COMP' signal for
voltage regulation. A Voltage Slave channel is configured by connecting the TRKx pin to BP5. Then the
COMP signal from the Master is connected to the COMPx pin on the Voltage Slave. When the TRKx pin is
connected to BP5 the COMPx output for that channel is put in a high impedance state, allowing the
regulation for that channel to be controlled by the Voltage Master COMP signal.
Table 4-1. TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Filtered input from the VREG pin. A 10-
Ω resistor should be connected between VREG and BP5 and a
BP5
8
O
1.0-
µF ceramic capacitor should be connected from BP5 to ground.
GND
7
-
Low noise ground connection to the device.
BOOT1 provides a bootstrapped supply for the high side FET driver for PWM1, enabling the gate of the
BOOT1
27
I
high side FET to be driven above the input supply rail. Connect a capacitor from BOOT1 to SW1 pin and
a Schottky diode from this pin to VREG.
BOOT2 provides a bootstrapped supply for the high side FET driver for PWM2, enabling the gate of the
BOOT2
18
I
high side FET to be driven above the input supply rail. Connect a capacitor from BOOT2 to SW2 pin and
a Schottky diode from this pin to VREG.
Digital clock signal for synchronizing slave controllers to the master CLKIO frequency and is either 6 or 8
CLKIO
28
O
times the PWM switching frequency.
COMP1
35
O
Output of the error amplifier, CH1. The voltage at this pin determines the duty cycle for the PWM1.
COMP2
10
O
Output of the error amplifier, CH2. The voltage at this pin determines the duty cycle for the PWM2.
These pins are used to sense the CH1 phase current. Inductor current can be sensed with an external
CS1
31
I
current sense resistor or by using an external R-C circuit and the inductor’s DC resistance. The traces for
these signals must be connected directly at the current sense element.
These pins are used to sense the CH2 phase current. Inductor current can be sensed with an external
CS2
14
I
current sense resistor or by using an external R-C circuit and the inductor’s DC resistance. The traces for
these signals must be connected directly at the current sense element.
Return point of CH1 current sense voltage. The trace for this signal must be connected directly at the
CSRT1
32
O
current sense element.
Return point of CH1 current sense voltage. The trace for this signal must be connected directly at the
CSRT2
13
O
current sense element.
Output of the differential amplifier. The output voltage of the differential amplifier is limited to 5.8 V. For
remote sensing, the voltage at this pin represents the true output voltage without I
× R drops that result
DIFFO
1
O
from high current in the PCB traces. The VOUT and GSNS pins must be connected directly at the point of
load where regulation is required. See Layout Guidelines for more information.
Inverting input of the error amplifier for CH1. In closed loop operation, the voltage at this pin is nominally
FB1
36
I
700 mV. This pin is also monitored for PGOOD1 and undervoltage on CH1.
Inverting input of the error amplifier for CH2. In closed loop operation, the voltage at this pin is nominally
FB2
9
I
700 mV. This pin is also monitored for PGOOD2 and undervoltage on CH2.
Inverting input of the differential amplifier. This pin should be connected to ground at the load. If the
GSNS
3
I
differential amplifier is not used, tie this pin to GND or leave open.
Gate drive output for the high side N-channel MOSFET switch for CH1. Output is referenced to SW1 and
HDRV1
26
O
is bootstrapped for enhancement of the high side switch.
Gate drive output for the high side N-channel MOSFET switch for CH2. Output is referenced to SW2 and
HRDV2
19
O
is bootstrapped for enhancement of the high side switch.
Used to set the cycle-by-cycle current limit threshold for CH1. If the ILIM1 threshold is reached, the PWM
ILIM1
34
I
pulse is terminated and the converter delivers limited current to the output.
Used to set the cycle-by-cycle current limit threshold for CH2. If the ILIM2 threshold is reached, the PWM
ILIM2
11
I
pulse is terminated and the converter delivers limited current to the output.
LRDV1
24
O
Gate drive output for the low side synchronous rectifier (SR) N-channel MOSFET for CH1.
LRDV2
22
O
Gate drive output for the low side synchronous rectifier (SR) N-channel MOSFET for CH2.
DEVICE INFORMATION
12
Submit Documentation Feedback


Similar Part No. - TPS40140

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI1-TPS40140 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHR TI1-TPS40140RHHR Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHRG4 TI1-TPS40140RHHRG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHT TI1-TPS40140RHHT Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHTG4 TI1-TPS40140RHHTG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
More results

Similar Description - TPS40140

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com