Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS40140
Description  DUAL OR 2-PHASE, STACKABLE CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40140 Datasheet(HTML) 1 Page - Texas Instruments

  TPS40140 Datasheet HTML 1Page - Texas Instruments TPS40140 Datasheet HTML 2Page - Texas Instruments TPS40140 Datasheet HTML 3Page - Texas Instruments TPS40140 Datasheet HTML 4Page - Texas Instruments TPS40140 Datasheet HTML 5Page - Texas Instruments TPS40140 Datasheet HTML 6Page - Texas Instruments TPS40140 Datasheet HTML 7Page - Texas Instruments TPS40140 Datasheet HTML 8Page - Texas Instruments TPS40140 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
www.ti.com
1
INTRODUCTION
1.1 FEATURES
HDRV1
SW1
LDRV1
HDRV2
TPS40140
SW2
LDRV2
L1
CS1
VIN
CSRT1
L2
CS2
VIN
CSRT2
VOUT1
VOUT2
UDG−06016
1.3 DESCRIPTION
1.2 APPLICATIONS
1.4 ORDERING INFORMATION
TPS40140
DUAL OR 2-PHASE, STACKABLE CONTROLLER
SLUS660A – SEPTEMBER 2005 – REVISED JULY 2006
• VDD From 4.5 V to 15 V, With Internal 5-V
Regulator
• V
OUT From 0.7 V to 5.8 V
• Converts From 15V Input to 0.7V Output at
1MHz
• Dual-Output or 2-Phase Interleaved Operation,
Stackable to 16 Phases
• Supports Pre-Biased Outputs
Programmable Switching Frequency Up to 1
MHz/Phase
• 0.5% Internally Trimmed 0.7-V Reference
• 10-µA Shutdown Current
• Current Mode Control with Forced Current
Sharing(1)
• 1V to 40V Power Stage Operation Range
• Power Sharing from Different Input Voltage
Rails, (e.g. Master From 5 V, Slave From 12 V)
• True Remote Sensing Differential Amplifier
• Programmable Input Undervoltage Lockout
The
TPS40140
is
a
multifunctional
synchronous
buck
controller
that
can
be
• Resistive or Inductor DCR Current Sensing
configured to provide either a single-output
• Provide a 6-Bit Digitally-Controlled Output
two-phase power supply or a power supply
When Used With TPS40120
that
supports
two
independent
outputs.
• 36-pin QFN Package
Several TPS40140 controllers can be stacked
up to a 16-phase multiphase single output
power supply. Alternatively, several controllers
providing multiple independent outputs can be
• Graphic Cards
synchronized in an interleaving pattern for
• Internet Servers
improved input ripple current.
• Networking Equipment
The TPS40140 is capable of converting from a
• Telecommunications Equipment
15-V input to a 0.7-V output at 1MHz.
• DC Power Distributed Systems
Each phase operates at a switching frequency
of up to 1 MHz. The two phases in one device
operate 180
° out-of-phase. In a multiple device
stackable configuration, the phase shift of the
(1)
Patents Pending
slaves, relative to a master, is programmable.
PACKAGE
TAPE AND REEL QTY.
PART NUMBER
250
TPS40140RHHT
Plastic Quad Flatpack 36-pin RHH (PQFP)
3000
TPS40140RHHR
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006 , Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS40140

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI1-TPS40140 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHR TI1-TPS40140RHHR Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHRG4 TI1-TPS40140RHHRG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHT TI1-TPS40140RHHT Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHTG4 TI1-TPS40140RHHTG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
More results

Similar Description - TPS40140

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz