Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40140
Description  DUAL OR 2-PHASE, STACKABLE CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40140 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TPS40140 Datasheet HTML 55Page - Texas Instruments TPS40140 Datasheet HTML 56Page - Texas Instruments TPS40140 Datasheet HTML 57Page - Texas Instruments TPS40140 Datasheet HTML 58Page - Texas Instruments TPS40140 Datasheet HTML 59Page - Texas Instruments TPS40140 Datasheet HTML 60Page - Texas Instruments TPS40140 Datasheet HTML 61Page - Texas Instruments TPS40140 Datasheet HTML 62Page - Texas Instruments TPS40140 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 65 page
background image
www.ti.com
6.5 LAYOUT CONSIDERATIONS
6.5.1
Power Stage
6.5.2
Device Peripheral
6.5.3
PowerPAD™ Layout
TPS40140
DUAL OR 2-PHASE, STACKABLE CONTROLLER
SLUS660A – SEPTEMBER 2005 – REVISED JULY 2006
A synchronous BUCK power stage has two primary current loops – The input current loop which carries
high AC discontinuous current while the output current loop carries high DC continuous current. The input
current loop includes the input capacitors, the main switching MOSFET, the inductor, the output capacitors
and the ground path back to the input capacitors. To keep this loop as small as possible, it is generally
good practice to place some ceramic capacitance directly between the drain of the main switching
MOSFET and the source of the synchronous rectifier (SR) through a power ground plane directly under
the MOSFETs. The output current loop includes the SR MOSFET, the inductor, the output capacitors, and
the ground return between the output capacitors and the source of the SR MOSFET. As with the input
current loop, the ground return between the output capacitor ground and the source of the SR MOSFET
should be routed under the inductor and SR MOSFET to minimize the power loop area. The SW node
area should be as small as possible to reduce the parasitic capacitance and minimize the radiated
emissions. The gate drive loop impedance (HDRV-gate-source-SW and LDRV-gate-source- GND) should
be kept to as low as possible. The HDRV and LDRV connections should widen to 20mils as soon as
possible out from the IC pin.
The TPS40140 provides separate signal ground (GND) and power ground (PGND) pins. It is required to
separate properly the circuit grounds. The return path for the pins associated with the power stage should
be through PGND. The other pins especially for those sensitive pins such as FB, RT and ILIM should be
through the low noise GND. The GND and PGND plane are suggested to be connected at the output
capacitor with single 20 mil trace. A minimum 0.1-
µF ceramic capacitor must be placed as close to the
VDD pin and GND as possible with at least 15-mil wide trace from the bypass capacitor to the GND. A
4.7-
µF ceramic capacitor should be placed as close to VREG pin and GND as possible. BP5 is the filtered
input from the VREG pin. A 4.7 -
Ω resistor should be connected between VREG and BP5 and a 1-µF
ceramic capacitor should be connected from BP5 to GND. Both components should be as close to BP5
pin as possible. When DCR sensing method is applied, the sensing resistor is placed close to the SW
node. It is connected to the inductor with Kelvin connection. The sensing traces from the power stage to
the chip should be away from the switching components. The sensing capacitor should be placed very
close to the CS and CSRT pins. The frequency setting resistor should be placed as close to RT pin and
GND as possible. The VOUT and GSNS pins should be directly connected to the point of load where the
voltage regulation is required. A parallel pair of 10-mil traces connects the regulated voltage back to the
chip. They should be away from the switching components. The PowerPAD should be electrically
connected to GND.
The PowerPAD™ package provides low thermal impedance for heat removal from the device. The
PowerPAD™ derives its name and low thermal impedance from the large bonding pad on the bottom of
the device. The circuit board must have an area of solder-tinned-copper underneath the package. The
dimensions of this area depend on the size of the PowerPAD™ package.
Thermal vias connect this area to internal or external copper planes and should have a drill diameter
sufficiently small so that the via hole is effectively plugged when the barrel of the via is plated with copper.
This plug is needed to prevent wicking the solder away from the interface between the package body and
the solder-tinned area under the device during solder reflow. Drill diameters of 0,33 mm (13 mils) works
well when 1-oz copper is plated at the surface of the board while simultaneously plating the barrel of the
via. If the thermal vias are not plugged when the copper plating is performed, then a solder mask material
should be used to cap the vias with a diameter equal to the via diameter plus 0,1 mm minimum. This
capping prevents the solder from being wicked through the thermal vias and potentially creating a solder
void under the package. Refer to PowerPAD™ Thermally Enhanced Package for more information on the
PowerPAD™ package.
Submit Documentation Feedback
DESIGN EXAMPLES
59


Similar Part No. - TPS40140

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI1-TPS40140 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHR TI1-TPS40140RHHR Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHRG4 TI1-TPS40140RHHRG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHT TI1-TPS40140RHHT Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHTG4 TI1-TPS40140RHHTG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
More results

Similar Description - TPS40140

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com