Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS40140
Description  DUAL OR 2-PHASE, STACKABLE CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40140 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TPS40140 Datasheet HTML 40Page - Texas Instruments TPS40140 Datasheet HTML 41Page - Texas Instruments TPS40140 Datasheet HTML 42Page - Texas Instruments TPS40140 Datasheet HTML 43Page - Texas Instruments TPS40140 Datasheet HTML 44Page - Texas Instruments TPS40140 Datasheet HTML 45Page - Texas Instruments TPS40140 Datasheet HTML 46Page - Texas Instruments TPS40140 Datasheet HTML 47Page - Texas Instruments TPS40140 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 65 page
background image
www.ti.com
6.1.4
Step 4: MOSFET Selection
I
SWrms +
D
I
OUT
2
)
I
RIPPLE
2
12
+ 7.07 A
(8)
P
SWcond + ISWrms
2
R
DS(on) (sw) + 0.65 W
(9)
sw
drv
sw
sw
sw
Ipk × Vin × f
× R
× (Qgd
+ Qgs
)
Psw
=
= 0.26W
Vgtdrv
(10)
P
SWtot + PSWcond ) PSWsw + 0.91 W
(11)
I
SRrms +
(1 * D)
I
OUT
2
)
I
RIPPLE
2
12
+ 18.7 A
(12)
P
SRcond + ISRrms
2
R
DS(on) (sr)
N
+ 0.7 W
(13)
diode
OUT
d
f
sw
P
= 2 × I
× t × V × f
= 0.77W
(14)
P
SRtot + PSRcond ) PDIODE + 1.47 W
(15)
6.1.5
Step 5: Peripheral Component Design
TPS40140
DUAL OR 2-PHASE, STACKABLE CONTROLLER
SLUS660A – SEPTEMBER 2005 – REVISED JULY 2006
The MOSFET selection determines the converter efficiency. In this design, the duty cycle is very small so
that the high-side MOSFET is dominated with switching losses and the low-side MOSFET is dominated
with conduction loss. To optimize the efficiency, choose smaller gate charge for the high-side MOSFET
and smaller RDS(on) for the low-side MOSFET.
The RENESAS RJK0305 and RJK0301 are selected as the high-side and low-side MOSFETs
respectively. To reduce the conduction loss, two RJK0301 components are used.
The power losses in the high-side MOSFET is calculated with the following equations:
The RMS current in the high side MOSFET is show in Equation 8.
The R
DS(on) is 13 mΩ when the MOSFET gate voltage is 4.5 V.
The conduction loss is:
The switching loss is:
The calculated total loss in the high-side MOSFET is:
The power losses in the low-side SR MOSFET is calculated by:
The RMS current in the low side MOSFET is shown in Equation 12.
The R
DS(on) is 4mΩ when the MOSFET gate voltage is 4.5V.
The total conduction loss in the two low-side MOSFETs is:
N is the number of MOSFET. Here, it is equal to 2.
The total power loss in the body diode is:
So the calculated total loss in the SR MOSFET is:
44
DESIGN EXAMPLES
Submit Documentation Feedback


Similar Part No. - TPS40140

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI1-TPS40140 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHR TI1-TPS40140RHHR Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHRG4 TI1-TPS40140RHHRG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHT TI1-TPS40140RHHT Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHTG4 TI1-TPS40140RHHTG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
More results

Similar Description - TPS40140

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz