Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40140 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40140
Description  DUAL OR 2-PHASE, STACKABLE CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40140 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TPS40140 Datasheet HTML 39Page - Texas Instruments TPS40140 Datasheet HTML 40Page - Texas Instruments TPS40140 Datasheet HTML 41Page - Texas Instruments TPS40140 Datasheet HTML 42Page - Texas Instruments TPS40140 Datasheet HTML 43Page - Texas Instruments TPS40140 Datasheet HTML 44Page - Texas Instruments TPS40140 Datasheet HTML 45Page - Texas Instruments TPS40140 Datasheet HTML 46Page - Texas Instruments TPS40140 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 65 page
background image
www.ti.com
6.1.2
Step 2: Output Capacitor Selection
(
)
2
I
× L
TRAN(MAX)
C
=
OUT(MIN)
V
- V
× V
IN(min)
OUT
UNDER
(2)
2
I
× L
TRAN(MAX)
C
=
OUT(MIN)
V
× V
OUT
OVER
(3)
æ
ö
ç
÷
è
ø
RIPPLE
RIPPLE(TotOUT)
RIPPLE(TotOUT)
RIPPLE(COUT)
OUT
SW
Co
RIPPLE
RIPPLE
I
V
-
V
- V
8 × C
× f
ESR
=
=
I
I
(4)
6.1.3
Step 3: Input Capacitor Selection
I
× V
OUT
OUT
C
=
IN(min)
V
× V
× f
RIPPLE(CIN)
IN
SW
(5)
VRIPPLE(CinESR)
ESR
=
Cin
1
I
+
I
OUT
RIPPLE
2
(6)
RM S_CIN
O UT
I
=
D × (1 - D) × I
(7)
TPS40140
DUAL OR 2-PHASE, STACKABLE CONTROLLER
SLUS660A – SEPTEMBER 2005 – REVISED JULY 2006
The output capacitor is typically selected by the output load transient response requirement. Equation 2
estimates the minimum capacitor to reach the undervoltage requirement with load step up. Equation 3
estimates the minimum capacitor for overvoltage requirement with load step down. When VIN(min) < 2
×V
OUT, the minimum output capacitance can be calculated using Equation 2. Otherwise, Equation 3 is
used.
when V
IN(min) < 2 × VOUT
when V
IN(min) > 2×VOUT
In this design, V
IN(min) is much larger than 2 × VOUT, so Equation 3 is used to determine the minimum
capacitance. Based on a 10-A load transient with a maximum of 80-mV deviation, a minimum 833-
µF
output capacitor is required. In the design, four 220-
µF, 4-V, SP capacitor are selected to meet this
requirement. Each capacitor has an ESR of 5 m
Ω.
Another criterion for capacitor selection is the output ripple voltage. The output ripple is determined mainly
by the capacitance and the ESR.
With 880-
µF output capacitance, the ripple voltage at the capacitor is calculated to be 863-µV. In the
specification, the output ripple voltage should be less than 30 mV, so based on Equation 4, the required
maximum ESR is 9.5 m
Ω. The selected capacitors can meet this requirement.
The input voltage ripple depends on the input capacitance and the ESR. The minimum capacitor and the
maximum ESR can be estimated by:
For this design, assume V
RIPPLE(CIN) is 100 mV and VRIPPLE(CinESR) is 50 mV, so the calculated minimum
capacitance is 50
µF and the maximum ESR is 2.3 mΩ. Choosing four 22-µF, 16-V, 2-mΩ ESR ceramic
capacitors meets this requirement.
Another important consideration for the input capacitor is the RMS ripple current rating. The RMS current
in the input capacitor is estimated by:
D is the duty cycle. The calculated RMS current is 6.6 A. Each selected ceramic capacitor has a RMS
current rating of 4.3 A, so it is sufficient to reach this requirement.
Submit Documentation Feedback
DESIGN EXAMPLES
43


Similar Part No. - TPS40140

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40140 TI1-TPS40140 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHR TI1-TPS40140RHHR Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHRG4 TI1-TPS40140RHHRG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHT TI1-TPS40140RHHT Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHTG4 TI1-TPS40140RHHTG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
More results

Similar Description - TPS40140

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
logo
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
logo
ON Semiconductor
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com