Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS40140
Description  DUAL OR 2-PHASE, STACKABLE CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40140 Datasheet(HTML) 4 Page - Texas Instruments

  TPS40140 Datasheet HTML 1Page - Texas Instruments TPS40140 Datasheet HTML 2Page - Texas Instruments TPS40140 Datasheet HTML 3Page - Texas Instruments TPS40140 Datasheet HTML 4Page - Texas Instruments TPS40140 Datasheet HTML 5Page - Texas Instruments TPS40140 Datasheet HTML 6Page - Texas Instruments TPS40140 Datasheet HTML 7Page - Texas Instruments TPS40140 Datasheet HTML 8Page - Texas Instruments TPS40140 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
www.ti.com
2.5
ELECTRICAL CHARACTERISTICS
TPS40140
DUAL OR 2-PHASE, STACKABLE CONTROLLER
SLUS660A – SEPTEMBER 2005 – REVISED JULY 2006
T
J = –40°C to 85°C, (unless otherwise noted), VVDD = 7 V, VBP5 = 5 V, UVLO_CE1, UCLO_CE2: 10 kΩ, Pullup to BP5,
f
SW = 300 kHz, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD INPUT SUPPLY
Operating Voltage Range
4.5
12
15
V
Shutdown Current
UVLO_CE1 = UVLO_CE2 =GND
1
10
µA
BP5 INPUT SUPPLY
Operating Voltage Range
4.5
5.0
5.5
V
BP5 Operating Current
2
3
5
mA
Rising BP5 Turn-On
4.0
4.25
4.45
V
BP5 Turn-Off Hysteresis
100
220
400
mV
Standby Mode Current(1)
UVLO_CEx =1.7V
2.8
mA
VREG
7 V < VDD <15 V
4.5
5.1
5.5
V
Output current
0
100
mA
OSCILLATOR, RT
Phase Frequency Accuracy
RRT= 110 kΩ
300
kHz
Phase Frequency Set Range
150
1000
kHz
RT(1)
25 k
Ω≤ R
RT≤ 500 kΩ
0.7
V
UNDERVOLTAGE LOCKOUT (UVLO_CE1, UVLO_CE2)
Enable threshold, standby mode
Internal 5VREG regulator enabled
0.5
1.0
1.5
V
UVLO threshold
PWM Switching enabled
1.9
2
2.1
V
UVLO hysteresis
At the UVLO_CEx pin
40
mV
UVLO_CE1, UVLO_CE2 bias
1
µA
current(1)
PWM
2-phase, 4-phase, 8-phase or 16-phase
87.5%
Maximum duty cycle per
D
channel(1)
3-phase, 6-phase, or 12-phase
83.3%
VSHARE
IVSHR = 0
1.785
1.8
1.815
V
(1)
-30
µA<i
VSHR < 50µA
1.785
1.8
1.815
V
ERROR AMPLIFIER CH1, ERROR AMPLIFIER CH2
Input Common Mode Range(1)
0
0.7
2.0
V
Input Bias Current(1)
VFB = 0.7 V
10
nA
FBx Voltage(1)
0.6965
0.700
0.7035
V
Output Source Current
VCOMP = 1.1 V, VFB = 0.6 V
1
2
mA
Output Sink Current
VCOMP = 1.1V, VFB = BP5
1
2
mA
BW(1)
8
12
MHz
Open Loop Gain(1)
60
90
dB
VOLTAGE TRACKING (TRK1, TRK2)
After EN, before PWM and during hiccup mode
5
6.0
7.3
µA
SS source current
After first PWM pulse
10
12.5
15
µA
Fault Enable Threshold(1)
1.4
V
Internal Clamp Voltage(1)
2.4
V
SS sink resistance(1)
Pull-down resistance
1
k
(1)
Ensured by design. Not 100% production tested.
DEVICE RATINGS
4
Submit Documentation Feedback


Similar Part No. - TPS40140

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI1-TPS40140 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHR TI1-TPS40140RHHR Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHRG4 TI1-TPS40140RHHRG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHT TI1-TPS40140RHHT Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHTG4 TI1-TPS40140RHHTG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
More results

Similar Description - TPS40140

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz