Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40140 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS40140
Description  DUAL OR 2-PHASE, STACKABLE CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40140 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TPS40140 Datasheet HTML 34Page - Texas Instruments TPS40140 Datasheet HTML 35Page - Texas Instruments TPS40140 Datasheet HTML 36Page - Texas Instruments TPS40140 Datasheet HTML 37Page - Texas Instruments TPS40140 Datasheet HTML 38Page - Texas Instruments TPS40140 Datasheet HTML 39Page - Texas Instruments TPS40140 Datasheet HTML 40Page - Texas Instruments TPS40140 Datasheet HTML 41Page - Texas Instruments TPS40140 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 65 page
background image
www.ti.com
CLKIO
PHSEL
SLAVE3
CLKIO
PHSEL
TPS40140
R3
R2
TPS40140
MASTER
SLAVE2
CLKIO
PHSEL
TPS40140
SLAVE7
CLKIO
PHSEL
TPS40140
SLAVE6
CLKIO
PHSEL
TPS40140
SLAVE5
CLKIO
PHSEL
TPS40140
ILIM2
ILIM2
ILIM2
BP5
R1
SLAVE1
CLKIO
PHSEL
TPS40140
SLAVE4
CLKIO
PHSEL
TPS40140
ILIM2
20
µA
TPS40140
DUAL OR 2-PHASE, STACKABLE CONTROLLER
SLUS660A – SEPTEMBER 2005 – REVISED JULY 2006
5.27.3.6 Eight ICs Operation
To further increase the total current capability to sixteen phases, or to increase the number of outputs,
seven Slave controllers can be added as shown in Figure 5-19.
Figure 5-19. Master Controller and Seven Slave Controllers, 16 Phases
In this configuration, the Master senses that there are three Slave controllers (due to the 3 resistors) and
distributes an eight-phase CLKIO signal. Slaves 1, 2 and 3 are turned on at 45
° and 90° respectively as
before with 3 Slaves. However, to get 16 phases with an 8-phase clock, both edges of the CLKIO signal
are used to control the slaves. With the ILIM2 tied high on Slaves 4, 5, 6, and 7 they turn on at the rising
edge of CLKIO, while the Master and Slaves 1, 2, and 3 turn on at the falling edge of CLKIO. If 6 Slaves
are desired, just delete one of the Slaves from Figure 5-19. The interleaving will not be perfect because
there will be 22.5
° between the Master and 3 Slaves. The deleted Slave will cause 45° between the 2
adjacent Slaves. See Figure 5-20 for a phasing details.
APPLICATION INFORMATION
38
Submit Documentation Feedback


Similar Part No. - TPS40140

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI1-TPS40140 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHR TI1-TPS40140RHHR Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHRG4 TI1-TPS40140RHHRG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHT TI1-TPS40140RHHT Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHTG4 TI1-TPS40140RHHTG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
More results

Similar Description - TPS40140

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz