Electronic Components Datasheet Search |
|
SN74SSTE32882 Datasheet(PDF) 3 Page - Texas Instruments |
|
SN74SSTE32882 Datasheet(HTML) 3 Page - Texas Instruments |
3 / 7 page www.ti.com SN74SSTE32882 SCAS840 – NOVEMBER 2006 TERMINAL FUNCTIONS (continued) TERMINAL NAME DESCRIPTION ELECTRICAL TYPE Chip-select gated D-inputs. Data inputs – Clocked in on the crossing of the rising D0–D21 edge of CK and the falling edge of CK. Re-driven only when either DCS0 or DCS1 SSTL_15 inputs is low. Chip select inputs – These pins initiate DRAM address/command decodes, and as such at least one will be low when a valid address/command is present. The DCS0, DCS1 register can be programmed to redrive all D-inputs only when at least one chip SSTL_15 inputs select input is low. If DCS0 and DCS1 inputs are high, D-inputs will be ignored with the Q outputs being floating or help at previous state. Ungated inputs – The corresponding outputs of these register bit inputs will not be DOTD0, DODT1 SSTL_15 inputs suspended by the DCS0 and DCS1 control unless a CMR access occurs. Ungated inputs – The corresponding outputs of these register bit inputs will not be DCKE0, DCKE1 SSTL_15 inputs suspended by the DCS0 and DCS1 control unless a CMR access occurs. PAR_IN Parity input – Arrives one clock cycle after the corresponding data input. SSTL_15 inputs YB0, YA0, YB1, YA1 Positive clock outputs 1.5 V CMOS output YB0, YA0, YB1, YA1 Complementary clock outputs 1.5 V CMOS output Positive feedback clock output 1.5 V CMOS output FBOUT Complementary feedback clock output 1.5 V CMOS output Q0A–Q21A, Data outputs corresponding to inputs D0 .. D21 1.5 V CMOS output Q0B–Q21B QCS0A, QCS0B, Data outputs corresponding to inputs DCS0 and DCS1 1.5 V CMOS output QCS1A, QCS1B QOTD0A, QODT0B, Data outputs corresponding to inputs DODT0 and DODT1 1.5 V CMOS output QOTD1A, QODT1B QCKE0A, QCKE0B, Data outputs corresponding to inputs DCKE0 and DCKE1 1.5 V CMOS output QCKE1A, QCKE1B Output error – Generated three clock cycles after the corresponding data is QERR Open-drain output registered. 3 Submit Documentation Feedback |
Similar Part No. - SN74SSTE32882 |
|
Similar Description - SN74SSTE32882 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |