Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALS229B Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74ALS229B
Description  16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS229B Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74ALS229B Datasheet HTML 2Page - Texas Instruments SN74ALS229B Datasheet HTML 3Page - Texas Instruments SN74ALS229B Datasheet HTML 4Page - Texas Instruments SN74ALS229B Datasheet HTML 5Page - Texas Instruments SN74ALS229B Datasheet HTML 6Page - Texas Instruments SN74ALS229B Datasheet HTML 7Page - Texas Instruments SN74ALS229B Datasheet HTML 8Page - Texas Instruments SN74ALS229B Datasheet HTML 9Page - Texas Instruments SN74ALS229B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SN74ALS229B
16
× 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SDAS090 – MARCH 1990 – REVISED JUNE 1992
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = 0°C to 70°C
UNIT
MIN
MAX
fmax
LDCK, UNCK
40
MHz
t d
LDCK
Any Q
6
30
ns
tpd
UNCK
Any Q
6
30
ns
tPLH
LDCK
EMPTY
5
25
ns
tPHL
UNCK
EMPTY
6
27
ns
tPHL
RST
EMPTY
5
26
ns
t d
LDCK
EMPTY 2
7
33
ns
tpd
UNCK
EMPTY+2
9
35
ns
tPLH
RST
EMPTY+2
9
33
ns
t d
LDCK
FULL 2
7
33
ns
tpd
UNCK
FULL– 2
9
35
ns
tPLH
RST
FULL– 2
9
33
ns
tPHL
LDCK
FULL
6
27
ns
tPLH
UNCK
FULL
5
25
ns
tPLH
RST
FULL
8
31
ns
ten
OE
Q
2
15
ns
tdis
OE
Q
1
15
ns


Similar Part No. - SN74ALS229B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232AFN TI1-SN74ALS2232AFN Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232ANT TI1-SN74ALS2232ANT Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2238 TI1-SN74ALS2238 Datasheet
178Kb / 11P
[Old version datasheet]   32 X 9 X 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ALS2238FN TI1-SN74ALS2238FN Datasheet
178Kb / 11P
[Old version datasheet]   32 X 9 X 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results

Similar Description - SN74ALS229B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS233B TI-SN74ALS233B Datasheet
112Kb / 8P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS232B TI-SN74ALS232B Datasheet
124Kb / 8P
[Old version datasheet]   16 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS236 TI-SN74ALS236 Datasheet
174Kb / 11P
[Old version datasheet]   64 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74S225 TI1-SN74S225_06 Datasheet
308Kb / 13P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN74S225 TI-SN74S225 Datasheet
145Kb / 10P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS235 TI1-SN74ALS235 Datasheet
275Kb / 15P
[Old version datasheet]   64 X 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT2235 TI-SN74ACT2235 Datasheet
275Kb / 18P
[Old version datasheet]   1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7807 TI1-SN74ACT7807_15 Datasheet
282Kb / 19P
[Old version datasheet]   2048 횞 9CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com