Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI5V330A Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part No. PI5V330A
Description  Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PERICOM [Pericom Semiconductor Corporation]
Homepage  http://www.pericom.com
Logo 

PI5V330A Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PS8695B
03/01/05
PI5V330A
Low On-Resistance Wideband/Video
Quad 2-Channel Mux/DeMux
Truth Table
EN
IN
ON Switch
0
0
S1A, S1B, S1C, S1D
0
1
S2A, S2B, S2C, S2D
1
X
Disabled
Pin Description
Pin Name
Description
S1A, S1B, S1C, S1D,
S2A, S2B, S2C, S2D
Analog Video I/O
IN
Select Input
EN
Enable
DA, DB, DC, DD
Analog Video I/O
GND
Ground
VCC
Power
Block Diagram
Features:
• High-performance solution to switch between video sources
• Wide bandwidth: >360 MHz
• Low On-Resistance: 3Ω
• Low crosstalk at 10 MHz: –58dB
• Ultra-low quiescent power (0.1µA typical)
• Single supply operation: +5.0V
• Fast switching: 10ns
• High-current output: 100mA
• Packaging (Pb-free & Green available):
– 16-pin 300-mil wide plastic SOIC (S)
– 16-pin 150-mil wide plastic SOIC (W)
– 16-pin 150-mil wide plastic QSOP (Q)
Description:
Pericom Semiconductor’s PI5V330A is a true bidirectional Quad
2-channel multiplexer/demultiplexer that is recommended for
both RGB and composite video switching applications. The
Video Switch can be driven from a current output RAMDAC or
voltage output composite video source.
Low On-Resistance and wide bandwidth make it ideal for video
and other applications. Also this device has exceptionally high
current capability which is far greater than most analog switches
offered today. A single 5V supply is all that is required for opera-
tion.
The PI5V330A offers a high-performance, low-cost solution to
switch between video sources. The application section describes
the PI5V330A replacing the HC4053 multiplier and buffer/
amplifier.
Pin Diagram
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
EN
S1D
S2D
DD
S2C
S1C
DD
IN
S1A
S2A
DA
S1B
S2B
DB
GND
DA
S1A
S2A
DB
S1B
S2B
DC
S1C
S2C
DD
S1D
S2D
DECODER/DRIVERS
EN
IN


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn