Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRF7S18170H Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part No. MRF7S18170H
Description  RF Power Field Effect Transistors (N-Channel Enhancement-Mode Lateral MOSFETs)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF7S18170H Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MRF7S18170H Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF7S18170H Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF7S18170H Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF7S18170H Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF7S18170H Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF7S18170H Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF7S18170H Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF7S18170H Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF7S18170H Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
RF Device Data
Freescale Semiconductor
MRF7S18170HR3 MRF7S18170HSR3
Figure 3. MRF7S18170HSR3 Test Circuit Schematic — NI-880S
Z10*
0.900″ x 0.161″ Microstrip
Z11*
0.140″ x 0.161″ Microstrip
Z12
0.094″ x 0.220″ Microstrip
Z13
0.070″ x 0.220″ Microstrip
Z14*
0.140″ x 0.083″ Microstrip
Z15*
0.160″ x 0.083″ Microstrip
Z16, Z17
1.120″ x 0.080″ Microstrip
PCB
Taconic TLX8-0300, 0.030″, εr = 2.55
* Variable for tuning
Z1*
0.500″ x 0.083″ Microstrip
Z2*
0.290″ x 0.083″ Microstrip
Z3*
0.810″ x 0.083″ Microstrip
Z4
0.180″ x 0.147″ Microstrip
Z5
0.850″ x 0.091″ Microstrip
Z6
0.383″ x 1.109″ Microstrip
Z7
1.110″ x 1.360″ Microstrip
Z8
0.480″ x 1.360″ Microstrip
Z9
0.060″ x 1.098″ Microstrip
VBIAS
VSUPPLY
RF
OUTPUT
RF
INPUT
DUT
C4
C3
C2
R3
Z1
Z2
Z3
Z4
C1
Z8
Z10
R2
Z5
R1
Z6
Z11
Z12
Z13
Z14
Z15
C18
C19
C20
Z7
C14
C15
C9
C8
Z9
Z16
Z17
C10
C17
C11
C12
C13
C5
C16
C6
C7
+
Table 6. MRF7S18170HSR3 Test Circuit Component Designations and Values — NI-880S
Part
Description
Part Number
Manufacturer
C1
0.8 pF Chip Capacitor
100B0R8BW
ATC
C2, C8, C9
6.8 pF Chip Capacitors
100B6R8BW
ATC
C3
100 pF Chip Capacitor
100B101JW
ATC
C4
100 nF Chip Capacitor
100B104JW
ATC
C5, C10
5.6 pF Chip Capacitors
100B5R6BW
ATC
C6, C7, C11, C12
10 μF Chip Capacitors
C5750X5R1H106MT
TDK
C13
470 μF, 63 V Electrolytic Capacitor, Radial
13661471
Philips
C14
0.5 pF Chip Capacitor
600B0R5BW
ATC
C15
0.2 pF Chip Capacitor
100B0R2BW
ATC
C16, C17
4.7 pF Chip Capacitors
100B4R7BW
ATC
C18
2 pF Chip Capacitor
600B2R0BW
ATC
C19
0.3 pF Chip Capacitor
100B0R3BW
ATC
C20
0.1 pF Chip Capacitor
100B0R2BW
ATC
R1
10 W, 1/4 W Chip Resistor
232272461003
Phycomp
R2, R3
10 kW, 1/4 W Chip Resistors
232272461009
Phycomp


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MRF7S19100NR1 RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Freescale Semiconductor, Inc
P75N02LD N-Channel Logic Level Enhancement Mode Field Effect Transistor 1  2  3  List of Unclassifed Manufacturers
IRLZ4S HEXFET POWER MOSFET 1  2  3  4  5  More International Rectifier
PTH08T241W 10-A 4.5-V to 14-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUSTABLE POWER MODULE WITH TURBOTRANS 1  2  3  4  5  More Texas Instruments
UC1861-1868 Resonant-Mode Power Supply Controllers 1  2  3  4  5  More List of Unclassifed Manufacturers
PJP75N75 75V N-Channel Enhancement Mode MOSFET 1  2  3  4  Pan Jit International Inc.
IRF3704ZCSPBF HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
SI7842DP Dual N-Channel 30-V D-S MOSFET with Schottky Diode 1  2  3  4  5  Vishay Siliconix
IRHM57Z60 RADIATION HARDENED POWER MOSFET THRU-HOLE TO-254AA 1  2  3  4  5  More International Rectifier
FAN4113 1.2V 36MHz Low Power Rail-to-Rail Amplifier 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn