Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

431311100270 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part No. 431311100270
Description  2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

431311100270 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button 431311100270 Datasheet HTML 5Page - List of Unclassifed Manufacturers 431311100270 Datasheet HTML 6Page - List of Unclassifed Manufacturers 431311100270 Datasheet HTML 7Page - List of Unclassifed Manufacturers 431311100270 Datasheet HTML 8Page - List of Unclassifed Manufacturers 431311100270 Datasheet HTML 9Page - List of Unclassifed Manufacturers 431311100270 Datasheet HTML 10Page - List of Unclassifed Manufacturers 431311100270 Datasheet HTML 11Page - List of Unclassifed Manufacturers 431311100270 Datasheet HTML 12Page - List of Unclassifed Manufacturers 431311100270 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Phycomp
Product specification
Surface-mount ceramic
multilayer antennas
2.45 GHz ISM-band antenna for
Bluetooth and WLAN IEEE 802.11b
2002 Oct 17 Rev.2
12
www.yageo.com
N
CA
W1
W2
HBK039
Reel specifications
Fig.8
Reel.
Dimensions in mm.
For reel dimensions see Table 5.
Table 5
Reel dimensions; see Fig.8
QUANTITY
PER REEL
TAPE WIDTH
(mm)
A
(mm)
C
(mm)
N
(mm)
W1
(mm)
W2
(mm)
1000
16
180
±0.1
13.0
±0.5
62
±0.5
16.0
+1/−0
20.5
±0.2


Similar Part No. - 431311100270

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
431311100270 ETC2-431311100270 Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
More results

Similar Description - 431311100270

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
AN2450000707051K ETC2-AN2450000707051K Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431111500245 ETC1-431111500245 Datasheet
179Kb / 9P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b (Long Shape)
Johanson Technology Inc.
Johanson Technology Inc...
2450BP18C100BE JOHANSON-2450BP18C100BE Datasheet
122Kb / 3P
   2.45 GHz ISM Band Pass Filter
List of Unclassifed Manufacturers
List of Unclassifed Man...
GW715153 ETC2-GW715153 Datasheet
752Kb / 26P
   2.4GHz/5.8GHz Dipole Antenna for ISM Band and WLAN IEEE 802.11a/b/g/h
Johanson Technology Inc.
Johanson Technology Inc...
2450BP18C100B JOHANSON-2450BP18C100B Datasheet
122Kb / 3P
   2.45 GHz ISM Band Pass Filter
NXP Semiconductors
NXP Semiconductors
SA2400A PHILIPS-SA2400A Datasheet
325Kb / 34P
   Single chip transceiver for 2.45 GHz ISM band
2002 Nov 04
List of Unclassifed Manufacturers
List of Unclassifed Man...
NA0108B ETC2-NA0108B Datasheet
529Kb / 2P
   High Performance Transceiver for the 2.45 GHz ISM Band
Johanson Technology Inc.
Johanson Technology Inc...
2450AT43B100 JOHANSON-2450AT43B100 Datasheet
528Kb / 4P
   2.4 GHz WLAN, Home RF, Bluetooth Antenna
Tyco Electronics
Tyco Electronics
1307031 MACOM-1307031 Datasheet
75Kb / 2P
   2.4 GHz Patch Antenna for ISM Band
Johanson Technology Inc.
Johanson Technology Inc...
2450AT45A100 JOHANSON-2450AT45A100 Datasheet
223Kb / 3P
   2.45 GHz Antenna
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz