Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

431311100260 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part No. 431311100260
Description  2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

431311100260 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 431311100260 Datasheet HTML 4Page - List of Unclassifed Manufacturers 431311100260 Datasheet HTML 5Page - List of Unclassifed Manufacturers 431311100260 Datasheet HTML 6Page - List of Unclassifed Manufacturers 431311100260 Datasheet HTML 7Page - List of Unclassifed Manufacturers 431311100260 Datasheet HTML 8Page - List of Unclassifed Manufacturers 431311100260 Datasheet HTML 9Page - List of Unclassifed Manufacturers 431311100260 Datasheet HTML 10Page - List of Unclassifed Manufacturers 431311100260 Datasheet HTML 11Page - List of Unclassifed Manufacturers 431311100260 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Phycomp
Product specification
Surface-mount ceramic
multilayer antennas
2.45 GHz ISM-band antenna for
Bluetooth and WLAN IEEE 802.11b
2002 Oct 17 Rev.2
8
www.yageo.com
TESTS AND REQUIREMENTS
Table 3
Test procedures and requirements
IEC
60384-10/
CECC 32 100
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
4.4
mounting
the antenna may be
mounted on printed-circuit
boards or ceramic
substrates by applying
wave soldering, reflow
soldering (including vapour
phase soldering) or
conductive adhesive
no visible damage
4.5
visual inspection and
dimension check
any applicable method
using
×10 magnification
no cracks or fissures larger
than 4 mm
4.6.1
antenna
frequency:
2.45 GHz @ 20
°C
standard test board from Fig.3
4.8
adhesion
a force of 5 N applied for
10 s to the line joining the
terminations and in a plane
parallel to the substrate
no visible damage
mounted in accordance
with CECC 32 100,
paragraph 4.4
no visible damage
4.9
bond strength of
plating on end face
conditions: bending 1 mm
at a rate of 1 mm/s; radius
jig: 340 mm; 2 mm warp on
FR4 board of 90 mm length
no visible damage
resistance to
soldering heat
260
±5 °C for 10 ±0.5 s
in a static solder bath
the terminations shall be well
tinned after recovery;
centre frequency shift
within
±6%
4.10
20 (Tb)
resistance to
leaching
260
±5 °C for 30 ±1 s
in a static solder bath
using visual enlargement of
×10, dissolution of the
terminations shall not
exceed 10%
4.11
20 (Ta)
solderability
zero hour test, and test
after storage
(20 to 24 months) in
original packing in normal
atmosphere;
unmounted chips
completely immersed for
2
±0.5 s in a solder bath
at 235
±5 °C
the terminations must be
well tinned for at least 75%


Similar Part No. - 431311100260

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
431311100260 ETC2-431311100260 Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
More results

Similar Description - 431311100260

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
AN2450000707051K ETC2-AN2450000707051K Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431111500245 ETC1-431111500245 Datasheet
179Kb / 9P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b (Long Shape)
Johanson Technology Inc.
Johanson Technology Inc...
2450BP18C100BE JOHANSON-2450BP18C100BE Datasheet
122Kb / 3P
   2.45 GHz ISM Band Pass Filter
List of Unclassifed Manufacturers
List of Unclassifed Man...
GW715153 ETC2-GW715153 Datasheet
752Kb / 26P
   2.4GHz/5.8GHz Dipole Antenna for ISM Band and WLAN IEEE 802.11a/b/g/h
Johanson Technology Inc.
Johanson Technology Inc...
2450BP18C100B JOHANSON-2450BP18C100B Datasheet
122Kb / 3P
   2.45 GHz ISM Band Pass Filter
NXP Semiconductors
NXP Semiconductors
SA2400A PHILIPS-SA2400A Datasheet
325Kb / 34P
   Single chip transceiver for 2.45 GHz ISM band
2002 Nov 04
List of Unclassifed Manufacturers
List of Unclassifed Man...
NA0108B ETC2-NA0108B Datasheet
529Kb / 2P
   High Performance Transceiver for the 2.45 GHz ISM Band
Johanson Technology Inc.
Johanson Technology Inc...
2450AT43B100 JOHANSON-2450AT43B100 Datasheet
528Kb / 4P
   2.4 GHz WLAN, Home RF, Bluetooth Antenna
Tyco Electronics
Tyco Electronics
1307031 MACOM-1307031 Datasheet
75Kb / 2P
   2.4 GHz Patch Antenna for ISM Band
Johanson Technology Inc.
Johanson Technology Inc...
2450AT45A100 JOHANSON-2450AT45A100 Datasheet
223Kb / 3P
   2.45 GHz Antenna
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz