Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

431111100260 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 431111100260
Description  2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

431111100260 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 431111100260 Datasheet HTML 5Page - List of Unclassifed Manufacturers 431111100260 Datasheet HTML 6Page - List of Unclassifed Manufacturers 431111100260 Datasheet HTML 7Page - List of Unclassifed Manufacturers 431111100260 Datasheet HTML 8Page - List of Unclassifed Manufacturers 431111100260 Datasheet HTML 9Page - List of Unclassifed Manufacturers 431111100260 Datasheet HTML 10Page - List of Unclassifed Manufacturers 431111100260 Datasheet HTML 11Page - List of Unclassifed Manufacturers 431111100260 Datasheet HTML 12Page - List of Unclassifed Manufacturers 431111100260 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Phycomp
Product specification
Surface-mount ceramic
multilayer antennas
2.45 GHz ISM-band antenna for
Bluetooth and WLAN IEEE 802.11b
2002 Oct 17 Rev.2
11
www.yageo.com
Table 4
Dimensions of blister tape; see Fig.7
SYMBOL
DIMENSION
TOLERANCE
UNIT
A0 nominal clearance; note 1
5.85
±0.10
mm
B0 nominal clearance; note 1
7.60
±0.10
mm
K0 minimum clearance; note 1
1.70
±0.10
mm
W
16.0
±0.3
mm
E
1.75
±0.10
mm
F
7.50
±0.10
mm
D0
1.55
±0.10
mm
D1
1.50
±0.10
mm
P0; note 2
4.0
±0.1
mm
P1
8.0
±0.1
mm
P2
2.0
±0.1
mm
T
0.30
±0.10
mm
Notes
1.
Possible product displacement in pocket.
2.
P0 pitch tolerance over any 10 pitches is ±0.2 mm.


Similar Part No. - 431111100260

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
431111100260 ETC2-431111100260 Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
More results

Similar Description - 431111100260

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN2450000707051K ETC2-AN2450000707051K Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431111500245 ETC1-431111500245 Datasheet
179Kb / 9P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b (Long Shape)
GW715153 ETC2-GW715153 Datasheet
752Kb / 26P
   2.4GHz/5.8GHz Dipole Antenna for ISM Band and WLAN IEEE 802.11a/b/g/h
logo
Johanson Technology Inc...
2450BP18C100BE JOHANSON-2450BP18C100BE Datasheet
122Kb / 3P
   2.45 GHz ISM Band Pass Filter
2450BP18C100B JOHANSON-2450BP18C100B Datasheet
122Kb / 3P
   2.45 GHz ISM Band Pass Filter
logo
NXP Semiconductors
SA2400A PHILIPS-SA2400A Datasheet
325Kb / 34P
   Single chip transceiver for 2.45 GHz ISM band
2002 Nov 04
logo
List of Unclassifed Man...
NA0108B ETC2-NA0108B Datasheet
529Kb / 2P
   High Performance Transceiver for the 2.45 GHz ISM Band
logo
Tyco Electronics
1307031 MACOM-1307031 Datasheet
75Kb / 2P
   2.4 GHz Patch Antenna for ISM Band
logo
Johanson Technology Inc...
2450AT43B100 JOHANSON-2450AT43B100 Datasheet
528Kb / 4P
   2.4 GHz WLAN, Home RF, Bluetooth Antenna
logo
STMicroelectronics
BAL-2690D3U STMICROELECTRONICS-BAL-2690D3U Datasheet
265Kb / 8P
   50 / 30j25 balun transformer for 2.45 GHz ISM band
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com