Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRHM57Z60 Datasheet(PDF) 5 Page - International Rectifier

Part No. IRHM57Z60
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM57Z60 Datasheet(HTML) 5 Page - International Rectifier

  IRHM57Z60 Datasheet HTML 1Page - International Rectifier IRHM57Z60 Datasheet HTML 2Page - International Rectifier IRHM57Z60 Datasheet HTML 3Page - International Rectifier IRHM57Z60 Datasheet HTML 4Page - International Rectifier IRHM57Z60 Datasheet HTML 5Page - International Rectifier IRHM57Z60 Datasheet HTML 6Page - International Rectifier IRHM57Z60 Datasheet HTML 7Page - International Rectifier IRHM57Z60 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.irf.com
5
Pre-Irradiation
IRHM57Z60
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
50
100
150
200
250
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G


FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
35A

V
= 15V
DS
V
= 24V
DS
0.1
1
10
100
1000
0.0
0.5
1.0
1.5
2.0
V
,Source-to-Drain Voltage (V)
SD

V
= 0 V
GS

T = 25 C
J
°

T = 150 C
J
°
10
100
1000
1
10
100

OPERATION IN THIS AREA LIMITED
BY RDS(on)

Single Pulse
T
T
= 150 C
= 25 C
°
°
J
C
V
, Drain-to-Source Voltage (V)
DS

1ms

10ms
1
10
100
0
3000
6000
9000
12000
15000
V
, Drain-to-Source Voltage (V)
DS

V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd

Ciss

Coss

Crss


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IRLZ4S HEXFET POWER MOSFET 1  2  3  4  5  More International Rectifier
IRF3704ZCSPBF HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
PI2140DG-22H HIGH POWER DROP-IN ISOL 1  PREMIER DEVICES, INC.
PJP75N75 75V N-Channel Enhancement Mode MOSFET 1  2  3  4  Pan Jit International Inc.
WS628128 VERY LOW POWER / VOLTAGE COMS SRAM 128K X 8 BIT 1  2  3  4  5  More Wing Shing Computer Components
SI7842DP Dual N-Channel 30-V D-S MOSFET with Schottky Diode 1  2  3  4  5  Vishay Siliconix
ZXTDCM832 MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR 1  2  3  4  5  More Zetex Semiconductors
ZXMP6A17DN8 DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET 1  2  3  4  5  More Zetex Semiconductors
PTH08T241W 10-A 4.5-V to 14-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUSTABLE POWER MODULE WITH TURBOTRANS 1  2  3  4  5  More Texas Instruments
UC1861-1868 Resonant-Mode Power Supply Controllers 1  2  3  4  5  More List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn