Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FXL2TD245 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part No. FXL2TD245
Description  Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FXL2TD245 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXL2TD245 Rev. 1.0.4
7
AC Electrical Characteristics (Continued)
VCCA = 1.4V to 1.6V
VCCA = 1.1V to 1.3V
Capacitance
Symbol
Parameter
TA = -40°C to +85°C
Units
VCCB =
3.0V to 3.6V
VCCB =
2.3V to 2.7V
VCCB =
1.65V to
1.95V
VCCB =
1.4V to 1.6V
VCCB =
1.1V to 1.3V
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
tPLH, tPHL Propagation Delay A to B
0.5
4.3
0.5
4.8
1.0
6.0
1.0
7.3
1.5
22.0
ns
Propagation Delay B to A
0.6
6.8
0.8
6.9
0.9
7.1
1.0
7.3
1.3
9.5
tPZH, tPZL Output Enable OE to B
1.1
7.5
1.1
7.6
1.3
7.7
1.4
7.9
2.0
20.0
ns
Output Enable OE to A
1.0
7.5
1.0
7.5
1.0
7.5
1.0
7.5
1.0
7.5
tPHZ, tPLZ Output Disable OE to B
0.4
6.1
0.4
6.2
0.9
6.2
1.5
7.5
2.0
18.0
ns
Output Disable OE to A
1.0
6.0
1.0
6.0
1.0
6.0
1.0
6.0
1.0
6.0
Symbol
Parameter
TA = -40°C to +85°C
Units
VCCB =
3.0V to 3.6V
VCCB =
2.3V to 2.7V
VCCB =
1.65V to
1.95V
VCCB =
1.4V to 1.6V
VCCB =
1.1V to 1.3V
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
tPLH, tPHL
Propagation Delay A to B
0.8
13.0
1.0
7.0
1.2
8.0
1.3
9.5
2.0
24.0
ns
Propagation Delay B to A
1.4
22.0
1.4
22.0
1.5
22.0
1.5
22.0
2.0
24.0
tPZH, tPZL
Output Enable OE to B
1.0
12.0
1.0
9.0
2.0
10.0
2.0
11.0
2.0
24.0
ns
Output Enable OE to A
2.0
22.0
2.0
22.0
2.0
22.0
2.0
22.0
2.0
22.0
tPHZ, tPLZ
Output Disable OE to B
1.0
15.0
0.7
7.0
1.0
8.0
2.0
10.0
2.0
20.0
ns
Output Disable OE to A
2.0
15.0
2.0
12.0
2.0
12.0
2.0
12.0
2.0
12.0
Symbol
Parameter
Conditions
TA = +25°C
Units
Typical
CIN
Input Capacitance Control Pins (OE, T/Rn)
VCCA = VCCB = 3.3V, VI = 0V or VCCA/B
4.0
pF
CI/O
Input/Output Capacitance An, Bn Ports
VCCA = VCCB = 3.3V, VI = 0V or VCCA/B
5.0
pF
CPD
Power Dissipation Capacitance
VCCA = VCCB = 3.3V, VI = 0V or VCC,
F
= 10MHz
20.0
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn