Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DT32-2034B Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part No. DT32-2034B
Description  ADSL Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

DT32-2034B Datasheet(HTML) 1 Page - Delta Electronics, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
28
31-1, SHIEN PAN ROAD, KUEI SAN INDUSTRIAL ZONE, TAOYUAN SHIEN, TAIWAN, R.O.C.
TEL: 886-3-3626301 FAX: 886-3-3618901
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG)
http://www.deltaww.com
DT32-2034B
DT32-2052AS
DT32-2054AS
DT32-2055AS
DIMENSIONS IN mm
AB
C
D
E
F
G
12.5 MAX.
14.0 MAX.
17.10 0.2
2.54 0.3
14.0 MAX.
ADSL Transformer
Transformers
Telecommunication
----------------
----------------
----------------
----------------
----------------
----------------
----------------
----------------
----------------
DT32-2034B
DT32-2052AS
DT32-2054AS
DT32-2055AS
T.R
(PRI:SEC): 1:1 2%
(PRI:N3): 4:1 2%
(PRI:SEC): 1.4:1 2%
(PRI:SEC): 1:1
2%
@20KHz 1V
@10KHz 0.1V
L
PRI: 407.5uH 5%
N3: 27.5uH 10%
PRI: 476.5uH 5%
@10KHz 0.1V
@10KHz 0.1V
@10KHz 0.1V
@10KHz 0.1V
L.K
PRI: 10uH Max.
N4: 8.4uH Typ.
PRI: 10uH Max.
PRI: 10uH Max.
@100KHz 0.1V
@100KHz 0.1V
@10KHz 0.1V
@100KHz 0.1V
D.C.R
N1: 0.39
Max.
N1: 0.98
10%
N1: 0.69
10%
N2:
N3:
N4:
HI-POT
1500 VAC 2 SEC
1500 VAC 2 SEC
1500 VAC 2 SEC
1500 VAC 2 SEC
C
18
18pF Max. @10KHz 1V
I.L
0.5dB Max. @772KHz
L.B
55dB Min.
55dB Min.
60dB Min.
60dB Min.
@20KHz~1.1MHz
@25KHz~1MHz
@20KHz~250KHz
@20KHz~250KHz
FR
3dB Max.
R.L
T.H.D
-85dB Max. @100KHz 5.3Vrms
Schematic
1
1
1
2
.4
(PRI:N4): 2:1 2%
@10KHz 0.1V
@10KHz 0.1V
PRI: 476.5uH 5%
N1: 0.70
10%
N2: 0.39
Max.
0.98
10%
N2: 0.69
10%
N2: 0.70
10%
N3: 0.33 Max.
0.42
10%
N3: 1.04
10%
N3: 1.09
10%
N4: 0.33 Max.
0.92
10%
N4: 1.04
10%
N4: 1.09
10%
pF Max. @10KHz
0.5dB Max. @100KHz
0.5dB Max. @100KHz
@20KHz~2MHz
-90dB Max. @100KHz 15Vp-p -80dB Max. @100KHz 15Vp-p -80dB Max. @100KHz 15Vp-p
ELECTRICAL CHARACTERISTICS
5
PRI
2
4
1
(1)
N2
N1
SEC
6
N4
N3
9
7
10
6
A
E
D
C
1
10
5
6
B
10
6
0.3
DELTAXXXX
WHITE DOT ON PIN1
0.4x0.7 TIN PLATED
PHOSPHOR BRONZE
5
XXXX : DATE CODE
DT32-20XXXX
7
9
6
10 SEC
N1
N3
N4
N2
(3)
4
PRI
3
2
1
(2)
N2
N1
SEC
7
N4
N3
8
9
10
5
2
4
1
PRI
----------------


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn