Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8196-EVAL Datasheet(PDF) 11 Page - Analog Devices

Part # AD8196-EVAL
Description  2:1 HDMI/DVI Switch with Equalization
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8196-EVAL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8196-EVAL Datasheet HTML 7Page - Analog Devices AD8196-EVAL Datasheet HTML 8Page - Analog Devices AD8196-EVAL Datasheet HTML 9Page - Analog Devices AD8196-EVAL Datasheet HTML 10Page - Analog Devices AD8196-EVAL Datasheet HTML 11Page - Analog Devices AD8196-EVAL Datasheet HTML 12Page - Analog Devices AD8196-EVAL Datasheet HTML 13Page - Analog Devices AD8196-EVAL Datasheet HTML 14Page - Analog Devices AD8196-EVAL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Preliminary Data Sheet
AD8196
PrA | Page 11 of 24
TA = 27°C, AVCC = 3.3 V, VTTI = 3.3 V, VTTO = 3.3 V, DVCC = 3.3 V, AMUXVCC = 5 V, AVEE = 0 V, DVEE = 0 V, differential input swing =
1000 mV, TMDS outputs terminated with external 50 Ω resistors to 3.3 V, pattern = PRBS 27 − 1, data rate = 2.25 Gbps, unless otherwise noted.
Figure 20. Jitter vs. Differential Input Swing
Figure 21. Jitter vs. Temperature
Figure 22. Rise and Fall Time vs. Temperature
Figure 23. Jitter vs. Input Common-Mode Voltage
Figure 24. Differential Input Termination Resistance vs. Temperature


Similar Part No. - AD8196-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8196 AD-AD8196 Datasheet
709Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196_15 Datasheet
709Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
More results

Similar Description - AD8196-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8190 AD-AD8190_15 Datasheet
794Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196_15 Datasheet
709Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8190 AD-AD8190 Datasheet
793Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
   3:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191_15 Datasheet
848Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197A AD-AD8197A_07 Datasheet
771Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197 Datasheet
700Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
PrA
AD8197A AD-AD8197A_15 Datasheet
772Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com