Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BLV862 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. BLV862
Description  UHF linear push-pull power transistor
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BLV862 Datasheet(HTML) 5 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1999 Jun 25
5
Philips Semiconductors
Product specification
UHF linear push-pull power transistor
BLV862
Fig.4
Power gain and collector efficiency as
functions of load power; typical values.
Th =25 °C; f = 860 MHz; VCE = 28 V; ICQ = 0.8 A.
handbook, halfpage
040
12
4
0
8
MGD529
80
120
200
160
Gp
(dB)
Gp
ηC
(%)
60
20
0
40
PL (W)
ηC
Th =25 °C; f = 860 MHz; VCE = 28 V; ICQ = 0.8 A.
Fig.5
Load power as a function of drive power;
typical values.
handbook, halfpage
0
240
PL
(W)
160
80
0
10
20
PD (W)
30
MGD530
Fig.6
Intermodulation distortion as a function of
output power; typical values.
Th =25 °C; VCE =28V; ICQ = 0.8 A;
2-tone: fvision = 855.25 MHz (-8 dB); fsideband = 859.68 MHz (-16 dB).
handbook, halfpage
0
100
500
200
300
400
MGG812
Po sync (W)
−20
−30
−40
−50
−60
dim
(dB)
Fig.7
Intermodulation distortion as a function of
output power; typical values.
Th =25 °C; VCE =28V; ICQ = 0.8 A;
3-tone: fvision = 855.25 MHz (-8 dB); fsideband = 859.68 MHz (-16 dB);
fsound = 860.75 MHz (-10 dB).
handbook, halfpage
0
100
400
−20
−30
−40
−50
−60
200
300
MGG813
Po sync (W)
dim
(dB)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BLV861UHF linear push-pull power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLV57UHF linear push-pull power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLV58UHF linear push-pull power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLV857UHF linear push-pull power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLV859UHF linear push-pull power transistor 1 2 3 4 5 MoreNXP Semiconductors
PTB20189UHF TV Linear Power Transistor Cellular Radio RF Power Transistor 1 2 3 Ericsson
BLW32UHF linear power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLV950UHF push-pull power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLW33UHF linear power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLW34UHF linear power transistor 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn