Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM1172 Datasheet(PDF) 6 Page - Analog Devices

Part No. ADM1172
Description  2.7 V to 16.5 V Hot Swap Controller with Power-Fail Comparator
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADM1172 Datasheet(HTML) 6 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADM1172
Rev. 0 | Page 6 of 16
SUPPLY VOLTAGE (V)
TYPICAL PERFORMANCE CHARACTERISTICS
0.50
0
018
2.65
2.45
–50
150
TEMPERATURE (°C)
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
VCC = 5V
–25
0
25
50
75
100
125
2.63
2.61
2.59
2.57
2.55
2.53
2.51
2.49
2.47
VCC RISING
VCC FALLING
2
4
6
8
10121416
SUPPLY VOLTAGE (V)
Figure 4. Supply Current vs. Supply Voltage (GATE Off)
0.8
0
018
25
0
018
SUPPLY VOLTAGE (V)
Figure 7. UVLO Threshold vs. Temperature
2
4
6
8
10
12
14
16
0.7
0.6
0.5
0.4
0.3
0.2
0.1
Figure 5. Supply Current vs. Supply Voltage (GATE On)
1.0
0
–50
150
TEMPERATURE (°C)
0.8
0.6
0.4
0.2
–25
0
25
50
75
100
125
VCC = 15V
VCC = 12V
VCC = 5V
VCC = 3V
0.9
0.7
0.5
0.3
0.1
Figure 6. Supply Current vs. Temperature
2
4
6
8
10
12
14
16
20
15
10
5
Figure 8. GATE Voltage vs. Supply Voltage
25
0
–50
150
TEMPERATURE (°C)
20
15
10
5
–25
0
25
50
75
100
125
VCC = 15V
VCC = 12V
VCC = 5V
VCC = 3V
Figure 9. GATE Voltage vs. Temperature


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn