Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD8196 Datasheet(PDF) 3 Page - Analog Devices

Part No. AD8196
Description  2:1 HDMI/DVI Switch with Equalization
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8196 Datasheet(HTML) 3 Page - Analog Devices

  AD8196 Datasheet HTML 1Page - Analog Devices AD8196 Datasheet HTML 2Page - Analog Devices AD8196 Datasheet HTML 3Page - Analog Devices AD8196 Datasheet HTML 4Page - Analog Devices AD8196 Datasheet HTML 5Page - Analog Devices AD8196 Datasheet HTML 6Page - Analog Devices AD8196 Datasheet HTML 7Page - Analog Devices AD8196 Datasheet HTML 8Page - Analog Devices AD8196 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Preliminary Data Sheet
AD8196
PrA | Page 3 of 24
SPECIFICATIONS
TA = 27°C, AVCC = 3.3 V, VTTI = 3.3 V, VTTO = 3.3 V, DVCC = 3.3 V, AMUXVCC = 5 V, AVEE = 0 V, DVEE = 0 V, differential input swing =
1000 mV, TMDS outputs terminated with external 50 Ω resistors to 3.3 V, unless otherwise noted.
Table 1.
Parameter
Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Maximum Data Rate (DR) per Channel
NRZ
2.25
Gbps
Bit Error Rate (BER)
PRBS 223 − 1
10−9
Added Deterministic Jitter
DR
≤ 2.25 Gbps, PRBS 223 − 1
TBD
ps (p-p)
Added Random Jitter
TBD
ps (rms)
Differential Intrapair Skew
At output
TBD
ps
Differential Interpair Skew1
At output
TBD
ps
EQUALIZATION PERFORMANCE
Receiver (Highest Setting)2
Boost frequency = 825 MHz
12
dB
Transmitter (Highest Setting)3
Boost frequency = 825 MHz
6
dB
INPUT CHARACTERISTICS
Input Voltage Swing
Differential
150
1200
mV
Input Common-Mode Voltage (VICM)
AVCC − 800
AVCC
mV
OUTPUT CHARACTERISTICS
High Voltage Level
Single-ended high speed channel
AVCC − 10
AVCC + 10
mV
Low Voltage Level
Single-ended high speed channel
AVCC − 600
AVCC − 400
mV
Rise/Fall Time (20% to 80%)
75
135
200
ps
INPUT TERMINATION
Resistance
Single-ended
50
Ω
AUXILIARY CHANNELS
On Resistance, RAUX
100
Ω
On Capacitance, CAUX
DC bias = 2.5 V, ac voltage = 3.5 V, f = 100 kHz
8
pF
Input/Output Voltage Range
DVEE
AMUXVCC
V
POWER SUPPLY
AVCC
Operating range
3
3.3
3.6
V
QUIESCENT CURRENT
AVCC
Outputs disabled
30
40
45
mA
Outputs enabled, no pre-emphasis
53
60
66
mA
Outputs enabled, maximum pre-emphasis
98
108
120
mA
VTTI
Input termination on4
5
40
54
mA
VTTO
Output termination on, no pre-emphasis
36
40
44
mA
Output termination on, maximum
pre-emphasis
73
80
88
mA
DVCC
4
7
10
mA
AMUXVCC
0.01
0.1
mA
POWER DISSIPATION
Outputs disabled
115
271
364
mW
Outputs enabled, no pre-emphasis
411
574
664
mW
Outputs enabled, maximum pre-emphasis
754
936
1057
mW
TIMING CHARACTERISTICS
Switching/Update Delay
High speed switching register: HS_CH
200
ms
All other configuration registers
1.5
μs
RESET Pulse Width
50
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn