Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD8196 Datasheet(PDF) 1 Page - Analog Devices

Part No. AD8196
Description  2:1 HDMI/DVI Switch with Equalization
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD8196 Datasheet(HTML) 1 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2:1 HDMI/DVI Switch with Equalization
Preliminary Data Sheet
AD8196
PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Two inputs, one output HDMI™/DVI links
Enables HDMI 1.3-compliant receiver
Pin-to-pin compatible with the AD8190
Four TMDS channels per link
Supports 250 Mbps to 2.25 Gbps data rates
Supports 25 MHz to 225 MHz pixel clocks
Equalized inputs for operation with long HDMI cables
(20 meters at 2.25Gbps)
Fully buffered unidirectional inputs/outputs
Globally switchable 50 Ω on-chip terminations
Pre-emphasized outputs
Low added jitter
Single-supply operation (3.3 V)
Four auxiliary channels per link
Bidirectional unbuffered inputs/outputs
Flexible supply operation (3.3 V to 5 V)
HDCP standard compatible
Allows switching of DDC bus and two additional signals
Output disable feature
Reduced power dissipation
Output termination removal
Two AD8196s support HDMI/DVI dual-link
Standards compliant: HDMI receiver, HDCP, DVI
Serial (I2C slave) control interface
56-lead, 8 mm x 8 mm, LFCSP, Pb-free package
APPLICATIONS
Multiple input displays
Projectors
A/V receivers
Set-top boxes
Advanced television (HDTV) sets
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
TYPICAL APPLICATION
Figure 2. Typical AD8196 Application for HDTV Sets
GENERAL DESCRIPTION
The AD8196 is an HDMI/DVI switch featuring equalized
TMDS inputs and pre-emphasized TMDS outputs, ideal for
systems with long cable runs. Outputs can be set to a high
impedance state to reduce the power dissipation and/or allow
the construction of larger arrays using the wire-OR technique.
The AD8196 is provided in a space saving, 56-lead, LFCSP,
surface-mount, Pb-free, plastic package and is specified to
operate over the −40°C to +85°C temperature range.
PRODUCT HIGHLIGHTS
1.
Supports data rates up to 2.25 Gbps, enabling greater than
1080p HDMI formats with deep color, and UXGA (1600 ×
1200) DVI resolutions.
2.
Input cable equalizer enables use of long cables at the
input (more than 20 meters of 24 AWG cable at 2.25Gbps).
3.
Auxiliary switch allows routing of the DDC bus and two
additional single-ended signals for a single chip, HDMI 1.3
receive-compliant solution.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn