Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD8196 Datasheet(PDF) 6 Page - Analog Devices

Part No. AD8196
Description  2:1 HDMI/DVI Switch with Equalization
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8196 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8196 Datasheet HTML 2Page - Analog Devices AD8196 Datasheet HTML 3Page - Analog Devices AD8196 Datasheet HTML 4Page - Analog Devices AD8196 Datasheet HTML 5Page - Analog Devices AD8196 Datasheet HTML 6Page - Analog Devices AD8196 Datasheet HTML 7Page - Analog Devices AD8196 Datasheet HTML 8Page - Analog Devices AD8196 Datasheet HTML 9Page - Analog Devices AD8196 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8196
Preliminary Technical Data
PrA | Page 6 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1.
THE AD8196 LFCSP HAS AN EXPOSED PADDLE (ePAD) ON THE UNDERSIDE OF THE PACKAGE WHICH AIDS IN HEAT
DISSIPATION. THE ePAD MUST BE ELECTRICALLY CONNECTED TO THE AVEE SUPPLY PLANE IN ORDER TO MEET THERMAL
SPECIFICATIONS.
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1, 10, 33, 42
AVCC
Power
Positive Analog Supply. 3.3 V nominal.
2
IN_A0
HS I
High Speed Input Complement.
3
IP_A0
HS I
High Speed Input.
4, 13, 30, 39, ePAD
AVEE
Power
Negative Analog Supply. 0 V nominal.
5
IN_A1
HS I
High Speed Input Complement.
6
IP_A1
HS I
High Speed Input.
7, 36
VTTI
Power
Input Termination Supply. Nominally connected to AVCC.
8
IN_A2
HS I
High Speed Input Complement.
9
IP_A2
HS I
High Speed Input.
11
IN_A3
HS I
High Speed Input Complement.
12
IP_A3
HS I
High Speed Input.
14
I2C_ADDR
Control
I2C Address LSB.
15, 21
DVCC
Power
Positive Digital Power Supply. 3.3 V nominal.
16
ON0
HS O
High Speed Output Complement.
17
OP0
HS O
High Speed Output.
18, 24
VTTO
Power
Output Termination Supply. Nominally connected to AVCC.
19
ON1
HS O
High Speed Output Complement.
20
OP1
HS O
High Speed Output.
22
ON2
HS O
High Speed Output Complement.
23
OP2
HS O
High Speed Output.
25
ON3
HS O
High Speed Output Complement.
26
OP3
HS O
High Speed Output.
27
AA
RESETEE
EA
Control
Configuration Registers Reset. This pin is normally pulled up to DVCC.
28
I2C_SCL
Control
I2C Clock.
29
I2C_SDA
Control
I2C Data.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn