Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD8003 Datasheet(PDF) 10 Page - Analog Devices

Part No. AD8003
Description  Triple, 1.5 GHz Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD8003 Datasheet(HTML) 10 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8003
Rev. A | Page 10 of 16
–5
–4
–3
–2
–1
0
1
2
3
4
–60
–40
–20
0
20
60
80
5
VCM (V)
40
VS =±5V
VS =+5V
Figure 28. Offset Voltage vs. Input Common-Mode Range
–5
–4
–3
–2
–1
01234
–10
–8
–6
–4
–2
0
2
4
6
8
10
5
VOUT (V)
VS = ±5V
VS = +5V
Figure 29. Inverting Input Bias Current Linearity
G= +2
RL =150Ω
VS =±5V
0
1
9
8
7
2
6
3
5
4
10
–5
5
POWERDOWNPINVOLTAGE (VDIS (V))
–300
–250
150
–200
100
–50
–100
–150
50
0
200
IDIS
ICC
–4
–3
–2
–1
01234
Figure 30. POWER DOWN Pin Current and Supply Current vs.
POWER DOWN Pin Voltage
–5
–4
–3
–2
–1
0
1
2
3
4
–20
–15
–10
–5
0
5
15
20
5
VCM (V)
10
VS =±5V
VS =+5V
Figure 31. Noninverting Input Bias Current vs. Common-Mode Range
G= +2
RL = 150Ω
VIN =0.5Vdc
0
5
4
1
3
2
6
01
TIME (µs)
.0
VDIS (VS = ±5V)
VOUT (VS = ±5V)
VOUT (VS = ±5V)
VOUT (VS = +5V)
0.10.20.30.4
0.50.60.70.8
0.9
VDIS (VS = +5V)
VOUT (VS = +5V)
Figure 32. Disable Switching Time for Various Supplies
G= +2
RL =150Ω
VS =5V
0
1
9
8
7
2
6
3
5
4
10
05
POWERDOWNPINVOLTAGE (VDIS (V))
–60
–50
30
–40
20
–10
–20
–30
10
0
40
.0
IDIS
ICC
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Figure 33. POWER DOWN Pin Current and Supply Current vs.
POWER DOWN Pin Voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PT78ST1001.5 Amp Positive Step-Down Integrated Switching Regulator 1 2 3 4 Texas Instruments
VAM-EV1VIDEO AMP MODULE EV-BOARD 1 Hitachi Semiconductor
ADA4412-3Integrated Triple Video Filter with Selectable Cutoff Frequencies for RGB HD/SD 1 2 3 4 5 MoreAnalog Devices

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn