Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS65040 Datasheet(PDF) 3 Page - Texas Instruments

Part No. TPS65040
Description  CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
Download  72 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TPS65040 Datasheet(HTML) 3 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
www.ti.com
APPLICATION CIRCUIT
CINSTSCLK=0.01uF
=1uF
COVGGE3
=1uF
COVGGE2
=1uF
COVGGE1
=1uF
COV15
=1uF
COV13
=1uF
COV12
=1uF
COV11
=1uF
COSIN1=0.001uF
2.85VOutput
2.85VOutput
2.85VOutput
1.85VOutput
2.85VOutput
2.85VOutput
2.85VOutput
2.85VOutput
2.85VOutput
2.85VOutput
0.8Vupto4.2VOutput
(Selectableoutput)
0.95Vupto2.9VOutput
ControlOutput;VIO1V8level
0.25Vupto2.45V
COSIN3=0.001uF
COSIN2=0.001uF
COVTCXO
VIO1V8=1.776V~1.924V
GND5
GND4
GND3
GND2
=2.2uH
L1BKBT
VREF1
GND1
VREF2
VBAT=3.1V~4.5V
=0.001uF
CERRBKBT
=10uF
COBKBT
=0.1uF
COVREF2
=0.01uF
COVREF1
ControlInput;VIO1V8level
VIO1V8level
ControlInput;
*CDATA I/Opin
VIO1V8l evel
ControlInput;
SerialInterface
ControlInput;VBAT level
0.4Vupto2.414Vinput
TPS65040
TPS65040
SLVS708 – NOVEMBER 2006
3
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn