Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65040 Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS65040
Description  CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65040 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS65040 Datasheet HTML 16Page - Texas Instruments TPS65040 Datasheet HTML 17Page - Texas Instruments TPS65040 Datasheet HTML 18Page - Texas Instruments TPS65040 Datasheet HTML 19Page - Texas Instruments TPS65040 Datasheet HTML 20Page - Texas Instruments TPS65040 Datasheet HTML 21Page - Texas Instruments TPS65040 Datasheet HTML 22Page - Texas Instruments TPS65040 Datasheet HTML 23Page - Texas Instruments TPS65040 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 72 page
background image
www.ti.com
TPS65040
SLVS708 – NOVEMBER 2006
ELECTRICAL CHARACTERISTICS (continued)
Over recommended input conditions, T
A = –30°C to 85°C, typical values are VBAT = 3.8 V, VIO1V8 = 1.85 V at TA = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL1
SIN_SYSCKL1 pin
3
k
RL2
Resistive load
SIN_SYSCKL2 pin
10
k
RL3
SIN_SYSCKL3 pin
10
k
VBAT UNDER VOLTAGE ELECTRICAL CHARACTERISTICS(7)
FOUT
Output frequency
26
MHz
VOG1
2.7V < VBAT < 3.1, SYSCLK_IN pin to SIN_SYSCLK1
–3
dB
VOG2
Output voltage gain level
2.7V < VBAT < 3.1, SYSCLK_IN pin to SIN_SYSCLK2
–1
dB
VOG3
2.7V < VBAT < 3.1, SYSCLK_IN pin to SIN_SYSCLK3
–1
dB
(7)
Clock distribution is the only functional operation. The electrical characteristics are typical, but not specified.
20
Submit Documentation Feedback


Similar Part No. - TPS65040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65040 TI-TPS65040 Datasheet
1Mb / 74P
[Old version datasheet]   CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
TPS65040ZQE TI-TPS65040ZQE Datasheet
1Mb / 74P
[Old version datasheet]   CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
TPS65040ZQER TI-TPS65040ZQER Datasheet
1Mb / 74P
[Old version datasheet]   CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
TPS65040 TI-TPS65040_07 Datasheet
1Mb / 74P
[Old version datasheet]   CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
More results

Similar Description - TPS65040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65040 TI-TPS65040_07 Datasheet
1Mb / 74P
[Old version datasheet]   CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
   Power Management System IC
2015-6-5
logo
STMicroelectronics
L9952XP STMICROELECTRONICS-L9952XP Datasheet
854Kb / 68P
   Power management system IC
logo
Semtech Corporation
SH3002 SEMTECH-SH3002 Datasheet
354Kb / 22P
   Reset Management and Clock Management Support IC for Microcontrollers
logo
STMicroelectronics
L9952GXP STMICROELECTRONICS-L9952GXP Datasheet
865Kb / 68P
   Power management system IC
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063 Datasheet
1Mb / 4P
   System Power Management IC (PMIC) for applications
logo
Skyworks Solutions Inc.
SKY87021-11 SKYWORKS-SKY87021-11 Datasheet
145Kb / 2P
   Power Management IC for the SkyBlue System
SKY87020-13 SKYWORKS-SKY87020-13 Datasheet
149Kb / 2P
   Power Management IC for the SkyBlue System
logo
Semtech Corporation
SH3001 SEMTECH-SH3001 Datasheet
486Kb / 20P
   Real-Time Clock and Clock Management Support IC for Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com