Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65040 Datasheet(PDF) 68 Page - Texas Instruments

Part # TPS65040
Description  CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65040 Datasheet(HTML) 68 Page - Texas Instruments

Back Button TPS65040 Datasheet HTML 64Page - Texas Instruments TPS65040 Datasheet HTML 65Page - Texas Instruments TPS65040 Datasheet HTML 66Page - Texas Instruments TPS65040 Datasheet HTML 67Page - Texas Instruments TPS65040 Datasheet HTML 68Page - Texas Instruments TPS65040 Datasheet HTML 69Page - Texas Instruments TPS65040 Datasheet HTML 70Page - Texas Instruments TPS65040 Datasheet HTML 71Page - Texas Instruments TPS65040 Datasheet HTML 72Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 68 / 72 page
background image
CSPI
CSPI Write Operation
1.5CCLK
CCLK
CDATA
CSTB
D7
D6
D5
D4
D3
D2
D1
D0
A7
A6
A5
A4
A3
A2
A1
A0
DataLatch
TPS65040
SLVS708 – NOVEMBER 2006
default value when the CRESET pin becomes Low. It gives priority to TSP for the addresses of Table 24,
although CSPI and TSP are also possible for writing two interfaces simultaneously. It is not possible to write
from CSPI while TSP is writing to it. This operation is detected by the TSPEN signal. When TSPEN=Low,
Table 24 priority operation goes active. The other addresses can be accessed from CSPI during TSPEN=Low.
However, please note that writing from CSPI becomes effective when there is writing from CSPI to the same
address, after writing TSP ends. Internal logic is able to operate between 2.7V and 3.1V. But the DC/DC
converter, PAVREF and V11_V28TX should be OFF. Also V12_V28RX, V13_V28A, V15_V18A, VGGE1_V28,
VGGE2_V28 and VGGE3_V28 should be OFF, or Low-power Mode.
Table 24. TSP Priority Address of Write Operation
CSPI
TSP
ADDRESS
REG. NAME
ADDRESS
REG. NAME
F0h
AFCMSBW
0h
AFCDATA
F1h
AFCLSBW
ECh
LDO Control for GGE
1h
LDO Control for GGE
F2h
AFCDACCTL
2h
AFCDACCTL
CSPI is an interface that consists of three lines (CDATA pin, CCLK pin, and CSTB pin). It changes into the
output mode only when reading data, although CDATA is usually an input mode. Data length becomes 16-BIT
(8-BIT data, 8-BIT address). The WRITE format is shown in Figure 86 and the READ format is shown in
Figure 87. The timing of READ/WRITE for CSPI operation is shown in Figure 88.
The 8-BIT advance data becomes the WRITE operation, and the following 8-BIT group becomes an address by
data. WRITE data is taken by the rising edge of CCLK, and reflected by the falling edge of CSTB.
Figure 86. CSPI Write Format
Notification is given when the data of AFCDAC is re-written by using CSPI. AFCDAC has a 12-bit data length.
Since the data length of CSPI is 8-bit, it can not re-write the 12-bIt data by the one-time-access. Therefore, the
data of AFCDAC is written by two-times-access from CSPI. F0h: r[AFCMSBW] is written first, and the next is
F1h: r[AFCLSBW]. This process is described as:
1. Write data in F0h : r [AFCMSBW]. Write '0' in the first 4 bits. This data is insignificant.
2. Write data in F1h : r [AFCLSBW].
Note 1. If step 2 is done before step 1, the correct data will not be reflected.
Note 2. If step 2 is done, but step 1 and step 2 are done sequentially, the correct data will be properly reflected.
68
Submit Documentation Feedback


Similar Part No. - TPS65040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65040 TI-TPS65040 Datasheet
1Mb / 74P
[Old version datasheet]   CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
TPS65040ZQE TI-TPS65040ZQE Datasheet
1Mb / 74P
[Old version datasheet]   CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
TPS65040ZQER TI-TPS65040ZQER Datasheet
1Mb / 74P
[Old version datasheet]   CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
TPS65040 TI-TPS65040_07 Datasheet
1Mb / 74P
[Old version datasheet]   CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
More results

Similar Description - TPS65040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65040 TI-TPS65040_07 Datasheet
1Mb / 74P
[Old version datasheet]   CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
   Power Management System IC
2015-6-5
logo
STMicroelectronics
L9952XP STMICROELECTRONICS-L9952XP Datasheet
854Kb / 68P
   Power management system IC
logo
Semtech Corporation
SH3002 SEMTECH-SH3002 Datasheet
354Kb / 22P
   Reset Management and Clock Management Support IC for Microcontrollers
logo
STMicroelectronics
L9952GXP STMICROELECTRONICS-L9952GXP Datasheet
865Kb / 68P
   Power management system IC
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063 Datasheet
1Mb / 4P
   System Power Management IC (PMIC) for applications
logo
Skyworks Solutions Inc.
SKY87021-11 SKYWORKS-SKY87021-11 Datasheet
145Kb / 2P
   Power Management IC for the SkyBlue System
SKY87020-13 SKYWORKS-SKY87020-13 Datasheet
149Kb / 2P
   Power Management IC for the SkyBlue System
logo
Semtech Corporation
SH3001 SEMTECH-SH3001 Datasheet
486Kb / 20P
   Real-Time Clock and Clock Management Support IC for Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com