Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65040 Datasheet(PDF) 47 Page - Texas Instruments

Part # TPS65040
Description  CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65040 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TPS65040 Datasheet HTML 43Page - Texas Instruments TPS65040 Datasheet HTML 44Page - Texas Instruments TPS65040 Datasheet HTML 45Page - Texas Instruments TPS65040 Datasheet HTML 46Page - Texas Instruments TPS65040 Datasheet HTML 47Page - Texas Instruments TPS65040 Datasheet HTML 48Page - Texas Instruments TPS65040 Datasheet HTML 49Page - Texas Instruments TPS65040 Datasheet HTML 50Page - Texas Instruments TPS65040 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
VOUT
5usec(typ)
Ifthecurrentlimitprotectioncircuit
doesnotdetectduring5usec,itshifts
tonomaloperationmode.
NomalOperation
Mode
Current
Limit4A
Current
Limit1.5A
CoilCurrent
0A
0V
PABIAS1
0V
CurrentLimit
1.5A detectionMode
5usec(typ)
1.5A detectcontinuously
1.5A detectionstart
(c)1.5 A Detection
Short-Circuit Protection
TPS65040
SLVS708 – NOVEMBER 2006
Figure 74. Current Limit Protection - View (c)
The DC/DC converter incorporates short-circuit protection (SCP) in addition to current-limit protection (CLP)
circuitry. The current-limit protection circuit applies to the peak current detection of the coil, while the short-circuit
protection circuit detects the level of the output voltage. Figure 75 (a) shows the operation of short-circuit
protection. The output voltage of VOUT decreases when current-limit operates, limiting the current through the
coil. Short-circuit protection occurs when 80% or less of the target output voltage value is detected while in the
normal operation mode, thereby shifting from normal operation mode to SCP monitor mode. An internal
oscillator provides the timing for a 0.5msec (typ) delay before shifting to SCP-monitor mode. The two protection
circuits (current-limit protection and short-crcuit protection) operate in this manner, shifting to SCP mode when
the output voltage of VOUT does not exceed the target value for 0.5msec (typ), even if passing, and the VOUT
pin is adjusted to 0V for 8msec (typ). The analog circuit of the DC/DC converter is enabled for the 8-msec (typ)
period, after which the DC/DC converter powers up from soft-start mode. If the output voltage of VOUT exceeds
80% of the target value after soft-start mode ends, it operates in normal operation mode. The short-circuit
protection circuit continuously monitors the output voltage value of VOUT. It transitions from soft-start mode to
normal-operation mode once, after power up, as shown in Figure 75 (b), and then if the output voltage of VOUT
does not achieve 80% of the target output voltage, it again shifts to SCP-monitor mode. It shifts to SCP mode
when the output voltage of VOUT does not exceed the target value for 0.5msec (typ), even if passing, and the
VOUT pin is adjusted to 0V for 8msec (typ). The DC/DC converter keeps repeating this intermittent operation as
long as there is no setting change from the host. Figure 75 (c) shows the image chart for intermittent operation.
Note that the detection time is counted by an internal oscillator, which generates the switching frequency (fs) of
the DC/DC converter.
47
Submit Documentation Feedback


Similar Part No. - TPS65040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65040 TI-TPS65040 Datasheet
1Mb / 74P
[Old version datasheet]   CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
TPS65040ZQE TI-TPS65040ZQE Datasheet
1Mb / 74P
[Old version datasheet]   CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
TPS65040ZQER TI-TPS65040ZQER Datasheet
1Mb / 74P
[Old version datasheet]   CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
TPS65040 TI-TPS65040_07 Datasheet
1Mb / 74P
[Old version datasheet]   CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
More results

Similar Description - TPS65040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65040 TI-TPS65040_07 Datasheet
1Mb / 74P
[Old version datasheet]   CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
   Power Management System IC
2015-6-5
logo
STMicroelectronics
L9952XP STMICROELECTRONICS-L9952XP Datasheet
854Kb / 68P
   Power management system IC
logo
Semtech Corporation
SH3002 SEMTECH-SH3002 Datasheet
354Kb / 22P
   Reset Management and Clock Management Support IC for Microcontrollers
logo
STMicroelectronics
L9952GXP STMICROELECTRONICS-L9952GXP Datasheet
865Kb / 68P
   Power management system IC
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063 Datasheet
1Mb / 4P
   System Power Management IC (PMIC) for applications
logo
Skyworks Solutions Inc.
SKY87021-11 SKYWORKS-SKY87021-11 Datasheet
145Kb / 2P
   Power Management IC for the SkyBlue System
SKY87020-13 SKYWORKS-SKY87020-13 Datasheet
149Kb / 2P
   Power Management IC for the SkyBlue System
logo
Semtech Corporation
SH3001 SEMTECH-SH3001 Datasheet
486Kb / 20P
   Real-Time Clock and Clock Management Support IC for Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com