Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62403 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62403
Description  2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62403 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPS62403 Datasheet HTML 21Page - Texas Instruments TPS62403 Datasheet HTML 22Page - Texas Instruments TPS62403 Datasheet HTML 23Page - Texas Instruments TPS62403 Datasheet HTML 24Page - Texas Instruments TPS62403 Datasheet HTML 25Page - Texas Instruments TPS62403 Datasheet HTML 26Page - Texas Instruments TPS62403 Datasheet HTML 27Page - Texas Instruments TPS62403 Datasheet HTML 28Page - Texas Instruments TPS62403 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
www.ti.com
TPS62400
,, TPS62401
TPS62403
SLVS681C – JUNE 2006 – REVISED DECEMBER 2006
Table 5. Selectable Output Voltages for Converter 1,
With DEF1 Pin as Analog Input (Adjustable, TPS62400)
TPS62400 OUTPUT VOLTAGE [V]
D4
D3
D2
D1
D0
REGISTER REG_DEF_1_LOW
0
VOUT1 Adjustable with Resistor Network on DEF_1 Pin (default
0
0
0
0
0
TPS62400)
0.6V with DEF_1 connected to VOUT1 (default TPS62400)
1
0.825
0
0
0
0
1
2
0.85
0
0
0
1
0
3
0.875
0
0
0
1
1
4
0.9
0
0
1
0
0
5
0.925
0
0
1
0
1
6
0.95
0
0
1
1
0
7
0.975
0
0
1
1
1
8
1.0
0
1
0
0
0
9
1.025
0
1
0
0
1
10
1.050
0
1
0
1
0
11
1.075
0
1
0
1
1
12
1.1
0
1
1
0
0
13
1.125
0
1
1
0
1
14
1.150
0
1
1
1
0
15
1.175
0
1
1
1
1
16
1.2
1
0
0
0
0
17
1.225
1
0
0
0
1
18
1.25
1
0
0
1
0
19
1.275
1
0
0
1
1
20
1.3
1
0
1
0
0
21
1.325
1
0
1
0
1
22
1.350
1
0
1
1
0
23
1.375
1
0
1
1
1
24
1.4
1
1
0
0
0
25
1.425
1
1
0
0
1
26
1.450
1
1
0
1
0
27
1.475
1
1
0
1
1
28
1.5
1
1
1
0
0
29
1.525
1
1
1
0
1
30
1.55
1
1
1
1
0
31
1.575
1
1
1
1
1
25
Submit Documentation Feedback


Similar Part No. - TPS62403

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62403 TI-TPS62403 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403 TI-TPS62403 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403 TI-TPS62403 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403 TI1-TPS62403 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62403 TI1-TPS62403 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
More results

Similar Description - TPS62403

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62400_101 TI-TPS62400_101 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_07 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_10 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI1-TPS62400_14 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62420 TI1-TPS62420_14 Datasheet
1Mb / 37P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62420 TI-TPS62420 Datasheet
1Mb / 32P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI1-TPS62410-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410 TI-TPS62410 Datasheet
1Mb / 34P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI-TPS62410-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
logo
Union Semiconductor, In...
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com