Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BLV861 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. BLV861
Description  UHF linear push-pull power transistor
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BLV861 Datasheet(HTML) 3 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1998 Jan 16
3
Philips Semiconductors
Product specification
UHF linear push-pull power transistor
BLV861
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
Note
1. Thermal resistance is determined under specified RF operating conditions.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
65
V
VCEO
collector-emitter voltage
open base
30
V
VEBO
emitter-base voltage
open collector
3V
IC
collector current (DC)
15
A
Ptot
total power dissipation
Tmb =25 °C
220
W
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
200
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-mb
thermal resistance from junction to mounting base
Ptot = 220 W; note 1
0.8
K/W
Rth mb-h
thermal resistance from mounting base to heatsink
0.2
K/W
Fig.2 DC SOAR.
Total device; both sections equally loaded.
(1) Tmb =25 °C.
(2) Th =70 °C.
handbook, halfpage
102
10
1
MGK766
110
102
VCE (V)
IC
(A)
(2)
(1)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BLV862UHF linear push-pull power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLV57UHF linear push-pull power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLV58UHF linear push-pull power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLV857UHF linear push-pull power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLV859UHF linear push-pull power transistor 1 2 3 4 5 MoreNXP Semiconductors
PTB20189UHF TV Linear Power Transistor Cellular Radio RF Power Transistor 1 2 3 Ericsson
BLW32UHF linear power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLV950UHF push-pull power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLW33UHF linear power transistor 1 2 3 4 5 MoreNXP Semiconductors
BLW34UHF linear power transistor 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn